Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7221 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 29Page - OSRAM GmbH AS7221 Datasheet HTML 30Page - OSRAM GmbH AS7221 Datasheet HTML 31Page - OSRAM GmbH AS7221 Datasheet HTML 32Page - OSRAM GmbH AS7221 Datasheet HTML 33Page - OSRAM GmbH AS7221 Datasheet HTML 34Page - OSRAM GmbH AS7221 Datasheet HTML 35Page - OSRAM GmbH AS7221 Datasheet HTML 36Page - OSRAM GmbH AS7221 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Document Feedback
AS7221
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 32
10
Smart Lighting Command Interface
The Smart Lighting Manager supports a high-level, driverless text control interface using its Smart
Lighting Command Set (SLCS) communicated through the UART interface. The SLCS provides a rich
configuration and control interface to speed the time-to-design and time-to-market for luminaire,
replacement lamp and driver manufacturers. The Smart Lighting Manager uses
a variation of an “AT
com
mand model” as popularized by early Hayes modems. The SLCS is integrated into the required
binary operating image that is included on the USB memory stick provided with an AS722x/1x Smart
Lighting Demo Kit. Updates or the latest version of the SLCS can be downloaded via
https://download.ams.com. Login is required and a login can be obtained through the email address
provided on the download site.
A configuration tool is available from ams to allow the luminaire, lamp or driver manufacturer to create
their own “factory default” conditions that will be integrated with the ams -supplied initial binary image
to create a ready-to-program default Flash image. The configuration tool is also available from
https://download.ams.com.
Write commands are constructed in the format “ATcmd=xxx” with the SLM returning the requested
data value followed by the “OK” text reply. Commands that are unsuccessfully interpreted or are
otherwise invali
d will return an “ERROR” text reply.
For example:
Set the desired daylight LUX level target:
ATLUXT=500
<OK>
Read current lux target set point:
ATLUXT
<500 OK>
Read current calibrated lux level as observed by the sensor:
ATLUXC
<497 OK>
The “Smart Lighting Command Interface”, shown below between the network interface and the core of
the system, provides access to the Smart Lighting Manager’s lighting control and configuration
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com