Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7221 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 5 Page - OSRAM GmbH

  AS7221 Datasheet HTML 1Page - OSRAM GmbH AS7221 Datasheet HTML 2Page - OSRAM GmbH AS7221 Datasheet HTML 3Page - OSRAM GmbH AS7221 Datasheet HTML 4Page - OSRAM GmbH AS7221 Datasheet HTML 5Page - OSRAM GmbH AS7221 Datasheet HTML 6Page - OSRAM GmbH AS7221 Datasheet HTML 7Page - OSRAM GmbH AS7221 Datasheet HTML 8Page - OSRAM GmbH AS7221 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Document Feedback
AS7221
General Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 4
Benefits
Features
Enables cost-optimized single channel drivers to
deliver a precise tunable white result.
Selectable drive modes, including PWM-
switched current steering, 0-10 V or PWM
dimming or PWM-based duty cycle management
Supports legacy IO approaches, as well as
digital deep dimming
Built-in 0-10 V analog or PWM digital dimming
output generator for precise 1% dimming
Direct serial interface for connection to standard
networks
UART interface for connection to network
hardware clients for protocols such as Bluetooth,
ZigBee and WiFi
Simple lamp or luminaire configuration and
commissioning using defined command set
Smart Lighting Command Set (SLCS) uses
simple text-based commands to control and
configure a wide variety of functions
Compact lighting-capable package with no
added optics required
20-pin LGA package 4.5mm x 4.7mm x 2.5mm
with integrated aperture -40 °C to 85 °C
1.2
Applications
Commercial, retail, and residential CCT tunable LED lighting systems
Cost-optimized tunable white LED drivers
Higher precision replacement lamps/bulbs
Intelligent, networked solid-state lighting management for variable CCT and daylight harvesting
Integrated smart lighting control of variable CCT white lighting solutions
Luminaires intended to meet California Title 24 daylighting requirements
Networked lighting systems with IoT sensor expandability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com