Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD3725 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 3Page - OSRAM GmbH TMD3725 Datasheet HTML 4Page - OSRAM GmbH TMD3725 Datasheet HTML 5Page - OSRAM GmbH TMD3725 Datasheet HTML 6Page - OSRAM GmbH TMD3725 Datasheet HTML 7Page - OSRAM GmbH TMD3725 Datasheet HTML 8Page - OSRAM GmbH TMD3725 Datasheet HTML 9Page - OSRAM GmbH TMD3725 Datasheet HTML 10Page - OSRAM GmbH TMD3725 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Page 6
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Note(s):
1. The minimum required supply voltage on the LED anode (VLEDA) is the sum of the LED's VF and the voltage drop from the LDR pin
to PGND pin. The minimum required VLEDA can be lowered to 2.8V if the LED's forward current does not exceed 102mA (PLDRIVE
value of 16 or less).
2. While the device is operational across the temperature range, performance will vary with temperature. Operational characteristics
are at 25°C, unless otherwise noted.
Figure 7:
Operating Characteristics, VDD = 1.8V, TA = 25°C (unless otherwise noted)
Note(s):
1. Values are shown at the VDD pin and do not include current through the IR LED.
2. This parameter indicates the supply current during periods of ALS integration. If Wait is enabled (WEN=1), the supply current is
lower during the Wait period.
3. Idle state occurs when PON=1 and all functions are not enabled.
4. Sleep state occurs when PON = 0 and I²C bus is idle. If Sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
1.7
1.8
2.0
V
VLEDA
Supply voltage to LED anode (1)
3.0
3.3
3.6
V
TA
Operating free-air temperature (2)
-30
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Oscillator frequency
8.107
MHz
IDD
Supply current (1)
Active ALS State
(PON=AEN=1, PEN=0) (2)
50
90
150
μA
Idle State
(PON=1, AEN=PEN=0) (3)
30
60
Sleep State (4)
0.7
5.0
VOL
INT, SDA output low voltage
6mA sink current
0.6
V
ILEAK
Leakage current, SDA, SCL, INT
-5
5
μA
VIH
SCL, SDA input high voltage
1.26
3.3
V
VIL
SCL, SDA input low voltage
0
0.54
V
TActive
Time from power-on to ready
to receive I²C commands
1.5
ms
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com