Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD3725 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 38Page - OSRAM GmbH TMD3725 Datasheet HTML 39Page - OSRAM GmbH TMD3725 Datasheet HTML 40Page - OSRAM GmbH TMD3725 Datasheet HTML 41Page - OSRAM GmbH TMD3725 Datasheet HTML 42Page - OSRAM GmbH TMD3725 Datasheet HTML 43Page - OSRAM GmbH TMD3725 Datasheet HTML 44Page - OSRAM GmbH TMD3725 Datasheet HTML 45Page - OSRAM GmbH TMD3725 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Datasheet, Public
Page 41
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Application Information
Schematic
Figure 58:
Typical Applications Circuit
Typical Applications Circuit: It is important to place the 4.7μF (VDD) and 10μF (LEDA) capacitors at the package
pins.
Note(s):
1. Place the 4.7μF and 10μF LEDA capacitors within 5mm of the module.
2. The value of the I²C pull up resistors RPU should be based on the 1.8V bus voltage, system bus speed and trace capacitance.
3. The bulk capacitor can affect the stability of a regulated supply output and should be chosen with the regulator characteristics in
mind.
4. VSS and PGND should be connected to the same solid ground plane as close to the device as possible.
Application Information
1.8V
3.0V
RPU
10μF
4.7μF
VBUS
INT
SCL
SDA
Bulk System
Capacitance
R = 22Ω
TMD37253S
LEDA
VSS
VDD
PGND
INT
SCL
SDA
LEDK/LDR
RINT = 10KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com