Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD3725 Datasheet(PDF) 41 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 37Page - OSRAM GmbH TMD3725 Datasheet HTML 38Page - OSRAM GmbH TMD3725 Datasheet HTML 39Page - OSRAM GmbH TMD3725 Datasheet HTML 40Page - OSRAM GmbH TMD3725 Datasheet HTML 41Page - OSRAM GmbH TMD3725 Datasheet HTML 42Page - OSRAM GmbH TMD3725 Datasheet HTML 43Page - OSRAM GmbH TMD3725 Datasheet HTML 44Page - OSRAM GmbH TMD3725 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Page 40
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − Register Description
and BINSEARCH_TARGET setting of 4 causes the PDATA value
will be approximately 15 counts. This feature is useful because
it forces PDATA result to always be above zero.
The PROX_AVG field sets the number of ADC samples that are
averaged to calculate the PDATA result.
CALIBSTAT Register (Address 0xDC)
Figure 56:
CALIBSTAT Register
INTENAB Register (Address 0xDD)
Figure 57:
INTENAB Register
Addr: 0xDC
CALIBSTAT
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0000000
RW
Reserved.
0
CALIB_FINISHED
0
RW
This flag indicates that calibration has
finished. It can only be cleared by setting this
bit high.
Addr: 0xDD
INTENAB
Bit
Bit Name
Default
Access
Bit Description
7
ASIEN
0
RW
ALS Saturation Interrupt Enable.
6
PSIEN
0
RW
Proximity Saturation Interrupt Enable.
5
PIEN
0
RW
Proximity Interrupt Enable.
4
AIEN
0
RW
ALS/Color Interrupt Enable.
3
CIEN
0
RW
Calibration Interrupt Enable.
2:0
Reserved
000
RW
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com