Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8213 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8213
Description  Dual, High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8213 Datasheet HTML 2Page - Analog Devices AD8213 Datasheet HTML 3Page - Analog Devices AD8213 Datasheet HTML 4Page - Analog Devices AD8213 Datasheet HTML 5Page - Analog Devices AD8213 Datasheet HTML 6Page - Analog Devices AD8213 Datasheet HTML 7Page - Analog Devices AD8213 Datasheet HTML 8Page - Analog Devices AD8213 Datasheet HTML 9Page - Analog Devices AD8213 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8213
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0.8
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
120
–40
0
–20
20406080
100
TEMPERATURE (°C)
Figure 4. Typical Offset Drift
130
120
110
100
90
80
70
60
50
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
COMMON-MODE VOLTAGE > 5V
COMMON-MODE VOLTAGE < 5V
Figure 5. CMRR vs. Frequency
2500
2000
1500
1000
500
0
–500
–1000
–1500
–2000
–2500
TEMPERATURE (°C)
120
–40
0
–20
20406080
100
Figure 6. Typical Gain Drift
40
35
30
25
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 7. Typical Small Signal Bandwidth
(VOUT = 200 mV p-p)
10
9
8
7
6
5
4
3
2
1
–1
0
02
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
DIFFERENTIAL INPUT VOLTAGE (mV)
50
Figure 8. Total Output Error vs. Differential Input Voltage
–475
–535
–530
–525
–520
–515
–510
–505
–500
–495
–490
–485
–480
02
+IN
–IN
225
200
175
150
125
100
75
50
25
DIFFERENTIAL INPUT VOLTAGE (mV)
50
Figure 9. Input Bias Current vs. Differential Input Voltage
(VCM = 0 V) (Per Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com