Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8213 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8213
Description  Dual, High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8213 Datasheet HTML 6Page - Analog Devices AD8213 Datasheet HTML 7Page - Analog Devices AD8213 Datasheet HTML 8Page - Analog Devices AD8213 Datasheet HTML 9Page - Analog Devices AD8213 Datasheet HTML 10Page - Analog Devices AD8213 Datasheet HTML 11Page - Analog Devices AD8213 Datasheet HTML 12Page - Analog Devices AD8213 Datasheet HTML 13Page - Analog Devices AD8213 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8213
Rev. 0 | Page 10 of 16
THEORY OF OPERATION
In typical applications, the AD8213 amplifies a small differential
input voltage generated by the load current flowing through a
shunt resistor. The AD8213 rejects high common-mode
voltages (up to 65 V) and provides a ground referenced, buffered
output that interfaces with an analog-to-digital converter (ADC).
Figure 25 shows a simplified schematic of the AD8213.
The following explanation refers exclusively to Channel 1 of the
AD8213, however, the same explanation applies to Channel 2.
A load current flowing through the external shunt resistor
produces a voltage at the input terminals of the AD8213. The
input terminals are connected to Amplifier A1 by Resistor R1(1)
and Resistor R1(2). The inverting terminal, which has very high
input impedance is held to (VCM) – (ISHUNT × RSHUNT), since
negligible current flows through Resistor R1(2). Amplifier A1
forces the noninverting input to the same potential. Therefore,
the current that flows through Resistor R1(1), is equal to
IIN1 = (ISHUNT1 × RSHUNT1)/R1(1)
This current (IIN1) is converted back to a voltage via ROUT1. The
output buffer amplifier has a gain of 20 V/V, and offers excellent
accuracy as the internal gain setting resistors are precision
trimmed to within 0.01% matching. The resulting output
voltage is equal to
VOUT1 = (ISHUNT1 × RSHUNT1) × 20
Prior to the buffer amplifier, a precision-trimmed 20 kΩ resistor
is available to perform low-pass filtering of the input signal
prior to the amplification stage. This means that the noise of the
input signal is not amplified, but rejected, resulting in a more
precise output signal that will directly interface with a converter.
A capacitor from the CF1 pin to GND, will result in a low-pass
filter with a corner frequency of
()
FILTER
dB
C
f
20000
2
1
3
π
=
−
A2
G = +20
PROPRIETARY
OFFSET
CIRCUITRY
CF2
OUT2 = (ISHUNT2 × RSHUNT2) × 20
A1
G = +20
RSHUNT1
RSHUNT2
ISHUNT1
ISHUNT2
PROPRIETARY
OFFSET
CIRCUITRY
CF1
GND
OUT1 = (ISHUNT1 × RSHUNT1) × 20
V+
AD8213
20kΩ
20kΩ
Q2
R2 (1)
R2 (2)
R1 (1)
R1 (2)
Q1
ROUT2
ROUT1
IIN2 IIN1
Figure 25. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com