Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8213 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8213
Description  Dual, High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8213 Datasheet HTML 3Page - Analog Devices AD8213 Datasheet HTML 4Page - Analog Devices AD8213 Datasheet HTML 5Page - Analog Devices AD8213 Datasheet HTML 6Page - Analog Devices AD8213 Datasheet HTML 7Page - Analog Devices AD8213 Datasheet HTML 8Page - Analog Devices AD8213 Datasheet HTML 9Page - Analog Devices AD8213 Datasheet HTML 10Page - Analog Devices AD8213 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8213
Rev. 0 | Page 7 of 16
0.2
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
–5
65
55
45
35
25
15
5
INPUT COMMON-MODE VOLTAGE (V)
Figure 10. Input Bias Current vs. Common-Mode Voltage
(Per Input)
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
–4
–2
0
2
4
6
8
65
COMMON-MODE VOLTAGE (V)
Figure 11. Supply Current vs. Common-Mode Voltage
TIME (2µs/DIV)
100mV/DIV
INPUT
OUTPUT
OUTPUT
1V/DIV, CF = 100pF
1V/DIV, CF = 20pF
Figure 12. Fall Time
TIME (2µs/DIV)
100mV/DIV
1V/DIV, CF = 100pF
1V/DIV, CF = 20pF
INPUT
OUTPUT
OUTPUT
Figure 13. Rise Time
TIME (1µs/DIV)
200mV/DIV
2V/DIV, CF = 20pF
INPUT
OUTPUT
Figure 14. Differential Overload Recovery (Falling)
TIME (1µs/DIV)
200mV/DIV
2V/DIV, CF = 20pF
INPUT
OUTPUT
Figure 15. Differential Overload Recovery (Rising)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com