Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8213 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8213
Description  Dual, High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213 Datasheet(HTML) 1 Page - Analog Devices

  AD8213 Datasheet HTML 1Page - Analog Devices AD8213 Datasheet HTML 2Page - Analog Devices AD8213 Datasheet HTML 3Page - Analog Devices AD8213 Datasheet HTML 4Page - Analog Devices AD8213 Datasheet HTML 5Page - Analog Devices AD8213 Datasheet HTML 6Page - Analog Devices AD8213 Datasheet HTML 7Page - Analog Devices AD8213 Datasheet HTML 8Page - Analog Devices AD8213 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual, High Voltage
Current Shunt Monitor
AD8213
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
±4000 V HBM ESD
High common-mode voltage range
−2 V to +65 V operating
−3 V to +68 V survival
Buffered output voltage
Wide operating temperature range
10-lead MSOP: −40°C to +125°C
Excellent ac and dc performance
3 μV/°C typical offset drift
−10 ppm/°C typical gain drift
120 dB typical CMRR at dc
APPLICATIONS
High-side current sensing
Motor controls
Transmission controls
Diesel injection controls
Engine management
Suspension controls
Vehicle dynamic controls
DC-to-DC converters
FUNCTIONAL BLOCK DIAGRAM
A2
G = +20
–IN2
+IN2
PROPRIETARY
OFFSET
CIRCUITRY
CF2
OUT2
A1
G = +20
–IN1
+IN1
PROPRIETARY
OFFSET
CIRCUITRY
CF1
GND
OUT1
V+
AD8213
Figure 1.
GENERAL DESCRIPTION
The AD8213 is a dual-channel, precision current sense amplifier. It
features a set gain of 20 V/V, with a maximum ±0.5% gain error
over the entire temperature range. The buffered output voltage
directly interfaces with any typical converter. Excellent common-
mode rejection from −2 V to +65 V, is independent of the 5 V
supply. The AD8213 performs unidirectional current measure-
ments across a shunt resistor in a variety of industrial and
automotive applications, such as motor control, solenoid
control, or battery management.
Special circuitry is devoted to output linearity being maintained
throughout the input differential voltage range of 0 mV to 250 mV,
regardless of the common-mode voltage present. The AD8213
also features additional pins that allow the user to low-pass filter
the input signal before amplifying, via an external capacitor to
ground. The AD8213 has an operating temperature range of
−40ºC to +125ºC and is offered in a small 10-lead MSOP package.


Similar Part No. - AD8213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8213 AD-AD8213 Datasheet
409Kb / 14P
Dual, High Voltage, Current Shunt Monitor
12/2016-Rev. C to Rev. D
AD8213WHRMZ AD-AD8213WHRMZ Datasheet
409Kb / 14P
Dual, High Voltage, Current Shunt Monitor
12/2016-Rev. C to Rev. D
AD8213WHRMZ-R7 AD-AD8213WHRMZ-R7 Datasheet
409Kb / 14P
Dual, High Voltage, Current Shunt Monitor
12/2016-Rev. C to Rev. D
AD8213WHRMZ-RL AD-AD8213WHRMZ-RL Datasheet
409Kb / 14P
Dual, High Voltage, Current Shunt Monitor
12/2016-Rev. C to Rev. D
AD8213WYRMZ AD-AD8213WYRMZ Datasheet
409Kb / 14P
Dual, High Voltage, Current Shunt Monitor
12/2016-Rev. C to Rev. D
More results

Similar Description - AD8213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
High Voltage, Current Shunt Monitor
REV. A
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
High Voltage Current Shunt Monitor
REV. B
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. B to Rev. C
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
High Voltage Current Shunt Monitor
5/2017-Rev. B to Rev. C
AD8213 AD-AD8213_16 Datasheet
409Kb / 14P
Dual, High Voltage, Current Shunt Monitor
12/2016-Rev. C to Rev. D
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com