Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28P550SD Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320F28P550SD
Description  TMS320F28P55x Real-Time Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28P550SD Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28P550SD Datasheet HTML 1Page - Texas Instruments TMS320F28P550SD Datasheet HTML 2Page - Texas Instruments TMS320F28P550SD Datasheet HTML 3Page - Texas Instruments TMS320F28P550SD Datasheet HTML 4Page - Texas Instruments TMS320F28P550SD Datasheet HTML 5Page - Texas Instruments TMS320F28P550SD Datasheet HTML 6Page - Texas Instruments TMS320F28P550SD Datasheet HTML 7Page - Texas Instruments TMS320F28P550SD Datasheet HTML 8Page - Texas Instruments TMS320F28P550SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 268 page
background image
• Enhanced control peripherals
– 24 ePWM channels with 16 channels that have
high-resolution capability (150ps resolution)
• Integrated dead-band support
• Integrated hardware trip zones (TZs)
– Two Enhanced Capture (eCAP) modules
– Three Enhanced Quadrature Encoder Pulse
(eQEP) modules with support for CW/CCW
operation modes
– Embedded Pattern Generator (EPG)
• Configurable Logic Block (CLB)
– 2 tiles
– Augments existing peripheral capability
– Supports position manager solutions
• Live Firmware Update (LFU)
• Diagnostic features
– Memory Power-On Self-Test (MPOST)
• Functional Safety-Compliant targeted
– Developed for functional safety applications
– Documentation available to aid ISO 26262 and
IEC 61508 system design
– Systematic capability up to ASIL D and SIL 3
targeted
– Hardware integrity up to ASIL B targeted
• Safety-related certification
– ISO 26262 certification up to ASIL B by TÜV
SÜD planned
• Package options:
– 128-pin Thin Quad Flatpack (TQFP)
[PDT suffix]
– 100-pin Low-profile Quad Flatpack (LQFP)
[PZ suffix]
– 80-pin TQFP [PNA suffix]
– 64-pin LQFP [PM suffix]
– 56-pin Very Thin Quad Flatpack No-Lead
(VQFN) [RSH suffix]
• Temperature options:
– Junction (TJ): –40°C to 150°C
2 Applications
• Appliances
– Air conditioner outdoor unit
• Building automation
– Door operator drive control
• Industrial machine & machine tools
– Automated sorting equipment
– Textile machine
• AC inverter & VF drives
– AC drive control module
– AC drive position feedback
– AC drive power stage module
• Linear motor transport systems
– Linear motor power stage
• Single & multi axis servo drives
– Servo drive position feedback
– Servo drive power stage module
• Speed controlled BLDC drives
– AC-input BLDC motor drive
– DC-input BLDC motor drive
• Factory automation
– Robot servo drive
– Mobile robot motor control
– Position sensor
• Industrial power
– Industrial AC-DC
• UPS
– Three-phase UPS
– Single-phase online UPS
• Telecom & server power
– Merchant DC/DC
– Merchant network & server PSU
– Merchant telecom rectifiers
• Hybrids, electric & powertrain systems
– DC/DC converter
– Inverter & motor control
– On-board (OBC) & wireless charger
– Virtual engine sound system (VESS)
– Engine fan
– eTurbo/charger
– Pump
– Electric power steering (EPS)
• Infotainment and cluster
– Head-up display
– Automotive head unit
– Automotive external amplifier
• Body electronics & lighting
– Automotive HVAC compressor module
– DC/AC inverter
– Headlight
• ADAS
– Mechanically scanning LIDAR
• EV charging infrastructure
– AC charging (pile) station
– DC charging (pile) station
– EV charging station power module
– Wireless EV charging station
• Renewable energy storage
– Energy storage power conversion system
(PCS)
– Portable Power Station
TMS320F28P550SJ, TMS320F28P559SJ-Q1
SPRSP85 – APRIL 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMS320F28P550SJ TMS320F28P559SJ-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com