Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28P550SD Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320F28P550SD
Description  TMS320F28P55x Real-Time Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28P550SD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F28P550SD Datasheet HTML 17Page - Texas Instruments TMS320F28P550SD Datasheet HTML 18Page - Texas Instruments TMS320F28P550SD Datasheet HTML 19Page - Texas Instruments TMS320F28P550SD Datasheet HTML 20Page - Texas Instruments TMS320F28P550SD Datasheet HTML 21Page - Texas Instruments TMS320F28P550SD Datasheet HTML 22Page - Texas Instruments TMS320F28P550SD Datasheet HTML 23Page - Texas Instruments TMS320F28P550SD Datasheet HTML 24Page - Texas Instruments TMS320F28P550SD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 268 page
background image
Table 5-1. Pin Attributes (continued)
SIGNAL NAME
MUX POSITION
128
PDT
100
PZ
80 PNA
64
PM
56 RSH
PIN
TYPE
DESCRIPTION
AIO242
46
I
Analog Pin Used For Digital Input 242
C27
I
ADC-C Input 27
D18
I
ADC-D Input 18
E18
I
ADC-E Input 18
D20
31
24
20
16
14
I
ADC-D Input 20
E20
I
ADC-E Input 20
VREFHI
I
ADC High Reference. In external reference mode,
externally drive the high reference voltage onto this
pin. In internal reference mode, a voltage is driven
onto this pin by the device. In either mode, place at
least a 2.2-µF capacitor on this pin. This capacitor
should be placed as close to the device as possible
between the VREFHI and VREFLO pins.
AIO234
0, 4, 8, 12
I
Analog Pin Used For Digital Input 234
D20
32
25
20
16
14
I
ADC-D Input 20
E20
I
ADC-E Input 20
VREFHI
I
ADC High Reference. In external reference mode,
externally drive the high reference voltage onto this
pin. In internal reference mode, a voltage is driven
onto this pin by the device. In either mode, place at
least a 2.2-µF capacitor on this pin. This capacitor
should be placed as close to the device as possible
between the VREFHI and VREFLO pins.
AIO234
ALT
I
Analog Pin Used For Digital Input 234
PGA3_INM
36
30
23
19
17
I
PGA-3 Minus
PGA3_OUT
38
32
24
20
18
O
PGA-3 Output
GPIO
GPIO236
0, 4, 8, 12
49
39
28
24
22
I/O
General-Purpose Input Output 236 This pin also has
analog functions which are described in the ANALOG
section of this table.
EPWM7_A
1
O
ePWM-7 Output A
EQEP1_INDEX
5
I/O
eQEP-1 Index
EPWM12_A
9
O
ePWM-12 Output A
GPIO0
0, 4, 8, 12
100
79
63
52
47
I/O
General-Purpose Input Output 0
EPWM1_A
1
O
ePWM-1 Output A
OUTPUTXBAR7
3
O
Output X-BAR Output 7
SCIA_RX
5
I
SCI-A Receive Data
I2CA_SDA
6
I/OD
I2C-A Open-Drain Bidirectional Data
SPIA_PTE
7
I/O
SPI-A Peripheral Transmit Enable (PTE)
FSIRXA_CLK
9
I
FSIRX-A Input Clock
MCANA_RX
10
I
CAN/CAN FD Receive
CLB_OUTPUTXBAR8
11
O
CLB Output X-BAR Output 8
EQEP1_INDEX
13
I/O
eQEP-1 Index
EPWM3_A
15
O
ePWM-3 Output A
GPIO1
0, 4, 8, 12
99
78
62
51
46
I/O
General-Purpose Input Output 1
EPWM1_B
1
O
ePWM-1 Output B
SCIA_TX
5
O
SCI-A Transmit Data
I2CA_SCL
6
I/OD
I2C-A Open-Drain Bidirectional Clock
SPIA_POCI
7
I/O
SPI-A Peripheral Out, Controller In (POCI)
EQEP1_STROBE
9
I/O
eQEP-1 Strobe
MCANA_TX
10
O
CAN/CAN FD Transmit
CLB_OUTPUTXBAR7
11
O
CLB Output X-BAR Output 7
EPWM10_B
13
O
ePWM-10 Output B
EPWM3_B
15
O
ePWM-3 Output B
www.ti.com
TMS320F28P550SJ, TMS320F28P559SJ-Q1
SPRSP85 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMS320F28P550SJ TMS320F28P559SJ-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com