Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28P550SD Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS320F28P550SD
Description  TMS320F28P55x Real-Time Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28P550SD Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320F28P550SD Datasheet HTML 60Page - Texas Instruments TMS320F28P550SD Datasheet HTML 61Page - Texas Instruments TMS320F28P550SD Datasheet HTML 62Page - Texas Instruments TMS320F28P550SD Datasheet HTML 63Page - Texas Instruments TMS320F28P550SD Datasheet HTML 64Page - Texas Instruments TMS320F28P550SD Datasheet HTML 65Page - Texas Instruments TMS320F28P550SD Datasheet HTML 66Page - Texas Instruments TMS320F28P550SD Datasheet HTML 67Page - Texas Instruments TMS320F28P550SD Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 268 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over recommended operating conditions (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
Supply voltage
VDD with respect to VSS
–0.3
1.5
V
VDDIO with respect to VSS
–0.3
4.6
VDDA with respect to VSSA
–0.3
4.6
Input voltage(7)
VIN (3.3 V)
–0.3
4.6
V
VIN (5.0 V) (5)
–0.3
6.0
V
Output voltage
VO
–0.3
4.6
V
Input clamp current - per pin(4) (6)
IIK
- VIN < VSS/VSSA
- VIN > VDDIO/VDDA
–20
20
mA
Input clamp current - per pin:
GPIO2/3/9/32
IIK
- VIN < VSS
–20
mA
Input clamp current - total for all inputs(4)
(6)
IIKTOTAL
- VIN < VSS/VSSA
- VIN > VDDIO/VDDA
–20
20
mA
Output current
Digital output (per pin), IOUT
–20
20
mA
Operating junction temperature
TJ
–40
155
°C
Storage temperature(3)
Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
(3)
Long-term high-temperature storage or extended use at maximum temperature conditions may result in a reduction of overall device
life. For additional information, see the Semiconductor and IC Package Thermal Metrics Application Report.
(4)
Continuous clamp current per pin is ±2mA
(5)
GPIO2, GPIO3, GPIO9, GPIO32 Only
(6)
Applying a VIN greater than VDDIO/VDDA or less than VSS/VSSA will turn on the ESD current clamping diode causing additional
current flow to the respective supply rail. If this occurs, the current must be kept within the MIN/MAX listed to prevent permanent
damage to the device.
(7)
Input clamp current must also be observed.
TMS320F28P550SJ, TMS320F28P559SJ-Q1
SPRSP85 – APRIL 2024
www.ti.com
64
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMS320F28P550SJ TMS320F28P559SJ-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com