Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28P550SD Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320F28P550SD
Description  TMS320F28P55x Real-Time Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28P550SD Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320F28P550SD Datasheet HTML 35Page - Texas Instruments TMS320F28P550SD Datasheet HTML 36Page - Texas Instruments TMS320F28P550SD Datasheet HTML 37Page - Texas Instruments TMS320F28P550SD Datasheet HTML 38Page - Texas Instruments TMS320F28P550SD Datasheet HTML 39Page - Texas Instruments TMS320F28P550SD Datasheet HTML 40Page - Texas Instruments TMS320F28P550SD Datasheet HTML 41Page - Texas Instruments TMS320F28P550SD Datasheet HTML 42Page - Texas Instruments TMS320F28P550SD Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 268 page
background image
Table 5-1. Pin Attributes (continued)
SIGNAL NAME
MUX POSITION
128
PDT
100
PZ
80 PNA
64
PM
56 RSH
PIN
TYPE
DESCRIPTION
GPIO242
0, 4, 8, 12
20
16
12
8
6
I/O
General-Purpose Input Output 242 This pin also has
analog functions which are described in the ANALOG
section of this table.
EPWM11_A
1
O
ePWM-11 Output A
OUTPUTXBAR2
5
O
Output X-BAR Output 2
SPIA_PTE
6
I/O
SPI-A Peripheral Transmit Enable (PTE)
EPWM4_A
9
O
ePWM-4 Output A
MCANA_RX
10
I
CAN/CAN FD Receive
EQEP1_INDEX
11
I/O
eQEP-1 Index
ADCE_EXTMUXSEL2
13
O
ADCE external mux selection pin for position 2
GPIO247
0, 4, 8, 12
42
I/O
General-Purpose Input Output 247 This pin also has
analog functions which are described in the ANALOG
section of this table.
EPWM12_B
1
O
ePWM-12 Output B
GPIO253
0, 4, 8, 12
41
I/O
General-Purpose Input Output 253
EPWM12_A
1
O
ePWM-12 Output A
TEST, JTAG, AND RESET
TCK
75
60
45
36
33
I
JTAG test clock with internal pullup.
TMS
77
62
47
38
35
I/O
JTAG test-mode select (TMS) with internal pullup. This
serial control input is clocked into the TAP controller on
the rising edge of TCK. This device does not have a
TRSTn pin. An external pullup resistor (recommended
2.2 kΩ) on the TMS pin to VDDIO should be placed
on the board to keep JTAG in reset during normal
operation.
XRSn
3
2
5
3
4
I/OD
Device Reset (in) and Watchdog Reset (out). During
a power-on condition, this pin is driven low by the
device. An external circuit may also drive this pin to
assert a device reset. This pin is also driven low by the
MCU when a watchdog reset occurs. During watchdog
reset, the XRSn pin is driven low for the watchdog
reset duration of 512 OSCCLK cycles. A resistor
between 2.2 kΩ and 10 kΩ should be placed between
XRSn and VDDIO. If a capacitor is placed between
XRSn and VSS for noise filtering, it should be 100
nF or smaller. These values will allow the watchdog
to properly drive the XRSn pin to VOL within 512
OSCCLK cycles when the watchdog reset is asserted.
This pin is an open-drain output with an internal pullup.
If this pin is driven by an external device, it should be
done using an open-drain device.
POWER AND GROUND
VDD
6, 54,
90, 108
4, 71,
87
8, 53,
71
4, 44,
59
5, 41,
53
1.2-V Digital Logic Power Pins. TI recommends
placing a decoupling capacitor near each VDD pin with
a minimum total capacitance of approximately 10 µF.
It is also recommended that all VDD pins be externally
connected to each other when internal VREG is used.
VDDA
41
34
26
22
20
3.3-V Analog Power Pins. Place a minimum 2.2-µF
decoupling capacitor on each pin.
VDDIO
5, 55,
89, 109
3, 70,
88
7, 52,
72
43, 60 40, 54
3.3-V Digital I/O Power Pins. Place a minimum 0.1-µF
decoupling capacitor on each pin.
VREGENZ
93
73
56
46
42
I
Internal voltage regulator enable with internal
pulldown. Tie low to VSS to enable internal VREG. Tie
high to VDDIO to use an external supply.
VSS
7, 53,
92, 107
5, 45,
72, 86
9, 30,
55, 70
5, 26,
45, 58
PAD
Digital Ground
VSSA
40
33
25
21
19
Analog Ground
www.ti.com
TMS320F28P550SJ, TMS320F28P559SJ-Q1
SPRSP85 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMS320F28P550SJ TMS320F28P559SJ-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com