Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272MFKB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272MFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2272MFKB Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC2272MFKB Datasheet HTML 26Page - Texas Instruments TLC2272MFKB Datasheet HTML 27Page - Texas Instruments TLC2272MFKB Datasheet HTML 28Page - Texas Instruments TLC2272MFKB Datasheet HTML 29Page - Texas Instruments TLC2272MFKB Datasheet HTML 30Page - Texas Instruments TLC2272MFKB Datasheet HTML 31Page - Texas Instruments TLC2272MFKB Datasheet HTML 32Page - Texas Instruments TLC2272MFKB Datasheet HTML 33Page - Texas Instruments TLC2272MFKB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
1 − 4
VIO
Input offset voltage
Distribution
vs Common-mode voltage
1 − 4
5, 6
αVIO
Input offset voltage temperature coefficient
Distribution
7 − 10
IIB /IIO
Input bias and input offset current
vs Free-air temperature
11
VI
Input voltage
vs Supply voltage
12
VI
Input voltage
vs Supply voltage
vs Free-air temperature
12
13
VOH
High-level output voltage
vs High-level output current
14
VOL
Low-level output voltage
vs Low-level output current
15, 16
VOM +
Maximum positive peak output voltage
vs Output current
17
VOM −
Maximum negative peak output voltage
vs Output current
18
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
19
IOS
Short-circuit output current
vs Supply voltage
20
IOS
Short-circuit output current
vs Supply voltage
vs Free-air temperature
20
21
VO
Output voltage
vs Differential input voltage
22, 23
Large-signal differential voltage amplification
vs Load resistance
24
AVD
Large-signal differential voltage amplification
and phase margin
vs Frequency
25, 26
Large-signal differential voltage amplification
vs Free-air temperature
27, 28
zo
Output impedance
vs Frequency
29, 30
CMRR
Common-mode rejection ratio
vs Frequency
31
CMRR
Common-mode rejection ratio
vs Frequency
vs Free-air temperature
31
32
kSVR
Supply-voltage rejection ratio
vs Frequency
33, 34
kSVR
Supply-voltage rejection ratio
vs Frequency
vs Free-air temperature
33, 34
35
IDD
Supply current
vs Supply voltage
36, 37
IDD
Supply current
vs Supply voltage
vs Free-air temperature
36, 37
38, 39
SR
Slew rate
vs Load capacitance
40
SR
Slew rate
vs Load capacitance
vs Free-air temperature
40
41
Inverting large-signal pulse response
42, 43
VO
Voltage-follower large-signal pulse response
44, 45
VO
Inverting small-signal pulse response
46, 47
Voltage-follower small-signal pulse response
48, 49
Vn
Equivalent input noise voltage
vs Frequency
50, 51
Noise voltage over a 10-second period
52
Integrated noise voltage
vs Frequency
53
THD + N
Total harmonic distortion plus noise
vs Frequency
54
Gain-bandwidth product
vs Supply voltage
55
Gain-bandwidth product
vs Supply voltage
vs Free-air temperature
55
56
φm
Phase margin
vs Load capacitance
57
Gain margin
vs Load capacitance
58
NOTE: For all graphs where VDD = 5 V, all loads are referenced to 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com