Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272MFKB Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272MFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2272MFKB Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLC2272MFKB Datasheet HTML 37Page - Texas Instruments TLC2272MFKB Datasheet HTML 38Page - Texas Instruments TLC2272MFKB Datasheet HTML 39Page - Texas Instruments TLC2272MFKB Datasheet HTML 40Page - Texas Instruments TLC2272MFKB Datasheet HTML 41Page - Texas Instruments TLC2272MFKB Datasheet HTML 42Page - Texas Instruments TLC2272MFKB Datasheet HTML 43Page - Texas Instruments TLC2272MFKB Datasheet HTML 44Page - Texas Instruments TLC2272MFKB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 39
− 75
− 50
− 25
0
25
50
75
100
125
0
1.2
2.4
3.6
4.8
6
TA − Free-Air Temperature − °C
VDD = 5 V
VO = 2.5 V
VDD = ± 5 V
VO = 0 V
TLC2274
SUPPLY CURRENT†
vs
FREE-AIR TEMPERATURE
0
1
2
3
CL − Load Capacitance − pF
SLEW RATE
vs
LOAD CAPACITANCE
10 k
1 k
100
10
SR +
SR −
4
5
VDD = 5 V
AV = − 1
TA = 25°C
Figure 40
3
2
1
4
− 75
− 50
− 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
SLEW RATE†
vs
FREE-AIR TEMPERATURE
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
AV = 1
SR +
SR −
0
5
Figure 41
INVERTING LARGE-SIGNAL PULSE RESPONSE
2
1
0
123
45
3
4
5
6
789
t − Time −
µs
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = − 1
0
Figure 42
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com