Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272MFKB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272MFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2272MFKB Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC2272MFKB Datasheet HTML 28Page - Texas Instruments TLC2272MFKB Datasheet HTML 29Page - Texas Instruments TLC2272MFKB Datasheet HTML 30Page - Texas Instruments TLC2272MFKB Datasheet HTML 31Page - Texas Instruments TLC2272MFKB Datasheet HTML 32Page - Texas Instruments TLC2272MFKB Datasheet HTML 33Page - Texas Instruments TLC2272MFKB Datasheet HTML 34Page - Texas Instruments TLC2272MFKB Datasheet HTML 35Page - Texas Instruments TLC2272MFKB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.5
0
−1
−1
0
1
1
234
5
VIC − Common-Mode Voltage − V
VDD = 5 V
TA = 25°C
RS = 50 Ω
− 0.5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE VOLTAGE
Figure 5
0.5
0
−1
−1
0
1
1
234
5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE VOLTAGE
VIC − Common-Mode Voltage − V
− 0.5
VDD = ± 5 V
TA = 25°C
RS = 50 Ω
−6 −5 −4
−3
−2
Figure 6
15
10
5
0
−1
0
1
20
25
23
45
DISTRIBUTION OF TLC2272
vs
INPUT OFFSET VOLTAGE TEMPERATURE
COEFFICIENT†
αVIO − Temperature Coefficient − µV/°C
128 Amplifiers From
2 Wafer Lots
VDD = ± 2.5 V
P Package
25
°C to 125°C
−5 −4
−3
−2
Figure 7
−5
−4
−3
−2
15
10
5
0
−1
0
1
20
25
23
45
DISTRIBUTION OF TLC2272
vs
INPUT OFFSET VOLTAGE TEMPERATURE
COEFFICIENT†
αVIO − Temperature Coefficient − µV/°C
128 Amplifiers From
2 Wafer Lots
VDD = ± 5 V
P Package
25
°C to 125°C
Figure 8
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com