Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272MFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272MFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2272MFKB Datasheet(HTML) 1 Page - Texas Instruments

  TLC2272MFKB Datasheet HTML 1Page - Texas Instruments TLC2272MFKB Datasheet HTML 2Page - Texas Instruments TLC2272MFKB Datasheet HTML 3Page - Texas Instruments TLC2272MFKB Datasheet HTML 4Page - Texas Instruments TLC2272MFKB Datasheet HTML 5Page - Texas Instruments TLC2272MFKB Datasheet HTML 6Page - Texas Instruments TLC2272MFKB Datasheet HTML 7Page - Texas Instruments TLC2272MFKB Datasheet HTML 8Page - Texas Instruments TLC2272MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Low Noise ...9 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current ...1 pA Typ
D Fully Specified for Both Single-Supply and
Split-Supply Operation
D Common-Mode Input Voltage Range
Includes Negative Rail
D High-Gain Bandwidth . . . 2.2 MHz Typ
D High Slew Rate . . . 3.6 V/µs Typ
D Low Input Offset Voltage
950
µV Max at TA = 25°C
D Macromodel Included
D Performance Upgrades for the TS272,
TS274, TLC272, and TLC274
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards
description
The TLC2272 and TLC2274 are dual and
quadruple operational amplifiers from Texas
Instruments. Both devices exhibit rail-to-rail
output performance for increased dynamic range
in single- or split-supply applications. The
TLC227x family offers 2 MHz of bandwidth and
3 V/
µs of slew rate for higher speed applications.
These devices offer comparable ac performance
while having better noise, input offset voltage, and
power
dissipation
than
existing
CMOS
operational amplifiers. The TLC227x has a noise
voltage of 9 nV/
√Hz, two times lower than
competitive solutions.
The TLC227x, exhibiting high input impedance
and low noise, is excellent for small-signal
conditioning for high-impedance sources, such as
piezoelectric transducers. Because of the micro-
power dissipation levels, these devices work well
in hand-held monitoring and remote-sensing
applications. In addition, the rail-to-rail output
feature, with single- or split-supplies, makes this
family a great choice when interfacing with analog-to-digital converters (ADCs). For precision applications, the
TLC227xA family is available with a maximum input offset voltage of 950
µV. This family is fully characterized
at 5 V and
±5 V.
The TLC2272/4 also makes great upgrades to the TLC272/4 or TS272/4 in standard designs. They offer
increased output dynamic range, lower noise voltage, and lower input offset voltage. This enhanced feature set
allows them to be used in a wider range of applications. For applications that require higher output drive and
wider input voltage range, see the TLV2432 and TLV2442 devices.
If the design requires single amplifiers, see the TLV2211/21/31 family. These devices are single rail-to-rail
operational amplifiers in the SOT-23 package. Their small size and low power consumption, make them ideal
for high density, battery-powered equipment.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Advanced LinCMOS is a trademark of Texas Instruments.
|VDD ±| − Supply Voltage − V
10
8
6
4
46
8
12
14
16
10
12
14
16
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
TA = 25°C
IO = ± 50 µA
IO = ± 500 µA
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLC2272MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272MFKB TI-TLC2272MFKB Datasheet
1Mb / 64P
Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272MFKB TI1-TLC2272MFKB Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2272MFKB TI1-TLC2272MFKB Datasheet
1Mb / 36P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results

Similar Description - TLC2272MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC226X TI-TLC226X Datasheet
932Kb / 59P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X-Q1 TI-TLC227X-Q1 Datasheet
635Kb / 35P
ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com