Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274AMFKB Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274AMFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274AMFKB Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC2274AMFKB Datasheet HTML 29Page - Texas Instruments TLC2274AMFKB Datasheet HTML 30Page - Texas Instruments TLC2274AMFKB Datasheet HTML 31Page - Texas Instruments TLC2274AMFKB Datasheet HTML 32Page - Texas Instruments TLC2274AMFKB Datasheet HTML 33Page - Texas Instruments TLC2274AMFKB Datasheet HTML 34Page - Texas Instruments TLC2274AMFKB Datasheet HTML 35Page - Texas Instruments TLC2274AMFKB Datasheet HTML 36Page - Texas Instruments TLC2274AMFKB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
15
10
5
0
01
20
25
23
45
DISTRIBUTION OF TLC2274
vs
INPUT OFFSET VOLTAGE TEMPERATURE
COEFFICIENT†
αVIO − Temperature Coefficient − µV/°C
−5
−4
−3
−2
−1
128 Amplifiers From
2 Wafer Lots
VDD = ± 2.5 V
N Package
TA = 25°C to 125°C
Figure 9
15
10
5
0
20
25
DISTRIBUTION OF TLC2274
vs
INPUT OFFSET VOLTAGE TEMPERATURE
COEFFICIENT†
αVIO − Temperature Coefficient − µV/°C
012
345
−5
−4
−3
−2
−1
128 Amplifiers From
2 Wafer Lots
VDD = ± 2.5 V
N Package
TA = 25°C to 125°C
Figure 10
15
10
5
0
25
45
65
85
20
25
30
105
125
INPUT BIAS AND INPUT OFFSET CURRENT†
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
35
VDD = ± 2.5 V
VIC = 0 V
VO = 0 V
RS = 50 Ω
IIB
IIO
Figure 11
0
− 2
− 6
− 8
− 10
8
− 4
2
3
4
5678
4
2
6
10
INPUT VOLTAGE
vs
SUPPLY VOLTAGE
|VDD ±| − Supply Voltage − V
TA = 25°C
RS = 50 Ω
|VIO| ≤ 5mV
12
Figure 12
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com