Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274AMFKB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274AMFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274AMFKB Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC2274AMFKB Datasheet HTML 14Page - Texas Instruments TLC2274AMFKB Datasheet HTML 15Page - Texas Instruments TLC2274AMFKB Datasheet HTML 16Page - Texas Instruments TLC2274AMFKB Datasheet HTML 17Page - Texas Instruments TLC2274AMFKB Datasheet HTML 18Page - Texas Instruments TLC2274AMFKB Datasheet HTML 19Page - Texas Instruments TLC2274AMFKB Datasheet HTML 20Page - Texas Instruments TLC2274AMFKB Datasheet HTML 21Page - Texas Instruments TLC2274AMFKB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2274I electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2274I
TLC2274AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
300
2500
300
950
µV
VIO
Input offset voltage
Full range
3000
1500
µV
αVIO
Temperature coefficient of
25
°C to 85°C
2
2
µV/°C
αVIO
Temperature coefficient of
input offset voltage
25
°C to 85°C
2
2
µV/°C
Input offset voltage
long-term drift (see Note 4)
VDD ± = ± 2.5 V,
VIC = 0 V,
25
°C
0.002
0.002
µV/mo
VDD ± = ± 2.5 V,
VO = 0 V,
VIC = 0 V,
RS = 50 Ω
25
°C
0.5
60
0.5
60
IIO
Input offset current
VO = 0 V,
RS = 50 Ω
−40
°C to 85°C
150
150
pA
IIO
Input offset current
Full range
800
800
pA
25
°C
1
60
1
60
IIB
Input bias current
−40
°C to 85°C
150
150
pA
IIB
Input bias current
Full range
800
800
pA
VICR
Common-mode input
RS = 50 Ω
|VIO |≤ 5 mV
25
°C
0 to
4
−0.3
to 4.2
0 to
4
−0.3
to 4.2
V
VICR
Common-mode input
voltage
RS = 50 Ω,
|VIO | ≤ 5 mV
Full range
0 to
3.5
0 to
3.5
V
IOH = − 20 µA
25
°C
4.99
4.99
IOH = − 200 µA
25
°C
4.85
4.93
4.85
4.93
VOH
High-level output voltage
IOH = − 200 µA
Full range
4.85
4.85
V
VOH
High-level output voltage
IOH = − 1 mA
25
°C
4.25
4.65
4.25
4.65
V
IOH = − 1 mA
Full range
4.25
4.25
VIC = 2.5 V,
IOL = 50 µA
25
°C
0.01
0.01
VIC = 2.5 V,
IOL = 500 µA
25
°C
0.09
0.15
0.09
0.15
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 500 µA
Full range
0.15
0.15
V
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 5 mA
25
°C
0.9
1.5
0.9
1.5
V
VIC = 2.5 V,
IOL = 5 mA
Full range
1.5
1.5
Large-signal differential
V
= 2.5 V,
RL = 10 kه
25
°C
15
35
15
35
AVD
Large-signal differential
voltage amplification
VIC = 2.5 V,
VO = 1 V to 4 V
RL = 10 kه
Full range
15
15
V/mV
AVD
voltage amplification
VO = 1 V to 4 V
RL = 1 Mه
25
°C
175
175
V/mV
rid
Differential input resistance
25
°C
1012
1012
Ω
ri
Common-mode input
resistance
25
°C
1012
1012
Ω
ci
Common-mode input
capacitance
f = 10 kHz,
N package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 1 MHz,
AV = 10
25
°C
140
140
Ω
CMRR
Common-mode rejection
VIC = 0 V to 2.7 V,
25
°C
70
75
70
75
dB
CMRR
Common-mode rejection
ratio
VIC = 0 V to 2.7 V,
VO = 2.5 V,
RS = 50 Ω
Full range
70
70
dB
kSVR
Supply-voltage rejection
VDD = 4.4 V to 16 V,
25
°C
80
95
80
95
dB
kSVR
Supply-voltage rejection
ratio (
∆VDD /∆VIO)
VDD = 4.4 V to 16 V,
VIC = VDD /2,
No load
Full range
80
80
dB
IDD
Supply current
VO = 2.5 V,
No load
25
°C
4.4
6
4.4
6
mA
IDD
Supply current
VO = 2.5 V,
No load
Full range
6
6
mA
† Full range is − 40°C to 125°C.
‡ Referenced to 0 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com