Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274AMFKB Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274AMFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274AMFKB Datasheet(HTML) 43 Page - Texas Instruments

Back Button TLC2274AMFKB Datasheet HTML 39Page - Texas Instruments TLC2274AMFKB Datasheet HTML 40Page - Texas Instruments TLC2274AMFKB Datasheet HTML 41Page - Texas Instruments TLC2274AMFKB Datasheet HTML 42Page - Texas Instruments TLC2274AMFKB Datasheet HTML 43Page - Texas Instruments TLC2274AMFKB Datasheet HTML 44Page - Texas Instruments TLC2274AMFKB Datasheet HTML 45Page - Texas Instruments TLC2274AMFKB Datasheet HTML 46Page - Texas Instruments TLC2274AMFKB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
−100
0
0.5
1
1.5
2
50
100
2.5
3
3.5
4
t − Time −
µs
INVERTING SMALL-SIGNAL PULSE RESPONSE
VDD = ± 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = 1
−50
Figure 47
VOLTAGE-FOLLOWER
SMALL-SIGNAL PULSE RESPONSE
2.5
2.45
2.4
2.55
2.6
0
0.5
1
1.5
t − Time −
µs
2.65
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = 1
Figure 48
VOLTAGE-FOLLOWER
SMALL-SIGNAL PULSE RESPONSE
0
−50
−100
50
100
0
0.5
1
1.5
t − Time −
µs
VDD = ± 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = 1
Figure 49
20
10
0
10
100
1 k
30
f − Frequency − Hz
40
10 k
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
50
60
VDD = 5 V
TA = 25°C
RS = 20 Ω
Figure 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com