Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274AMFKB Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274AMFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274AMFKB Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLC2274AMFKB Datasheet HTML 36Page - Texas Instruments TLC2274AMFKB Datasheet HTML 37Page - Texas Instruments TLC2274AMFKB Datasheet HTML 38Page - Texas Instruments TLC2274AMFKB Datasheet HTML 39Page - Texas Instruments TLC2274AMFKB Datasheet HTML 40Page - Texas Instruments TLC2274AMFKB Datasheet HTML 41Page - Texas Instruments TLC2274AMFKB Datasheet HTML 42Page - Texas Instruments TLC2274AMFKB Datasheet HTML 43Page - Texas Instruments TLC2274AMFKB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
SUPPLY VOLTAGE REJECTION RATIO†
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
− 75
− 50
− 25
0
25
50
75
100
125
100
95
90
85
105
110
VDD ± = ± 2.2 V to ± 8 V
VO = 0 V
Figure 35
0
1
23
45
6
7
8
0
0.6
1.2
1.8
2.4
3
|VDD ± | − Supply Voltage − V
VO = 0 V
No Load
TA = 25°C
TA = − 55°C
TA = 125°C
Figure 36
TLC2272
SUPPLY CURRENT†
vs
SUPPLY VOLTAGE
Figure 37
01
23
4
5
6
7
8
0
1.2
2.4
3.6
4.8
6
|VDD ± | − Supply Voltage − V
VO = 0 V
No Load
TA = 25°C
TA = − 55°C
TA = 125°C
TLC2274
SUPPLY CURRENT†
vs
SUPPLY VOLTAGE
Figure 38
− 75
− 50
− 25
0
25
50
75
100
125
0
0.6
1.2
1.8
2.4
3
TA − Free-Air Temperature − °C
VDD = 5 V
VO = 2.5 V
VDD = ± 5 V
VO = 0 V
TLC2272
SUPPLY CURRENT†
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com