Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56371 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # DSP56371
Description  high density CMOS device
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56371 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  DSP56371 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
DSP56371 Data Sheet, Rev. 4.1
DSP56371 Overview
Freescale Semiconductor
4
slave. I2S, left justified, right justified, Sony, AC97, network and other programmable
protocols
— Enhanced Serial Audio Interface I (ESAI_1): up to 4 receivers and up to 6 transmitters, master
or slave. I2S, left justified, right justified, Sony, AC97, network and other programmable
protocols
— Serial Host Interface (SHI): SPI and I2C protocols, multi master capability in I2C mode,
10-word receive FIFO, support for 8, 16 and 24-bit words
— Triple Timer module (TEC).
— 11 dedicated GPIO pins
— Digital Audio Transmitter (DAX): 1 serial transmitter capable of supporting the SPDIF,
IEC958, CP-340 and AES/EBU digital audio formats
— Pins of unused peripherals (except SHI) may be programmed as GPIO lines
2.3
DSP56371 Audio Processor Architecture
This section defines the DSP56371 audio processor architecture. The audio processor is composed of the
following units:
•
The DSP56300 core is composed of the Data ALU, Address Generation Unit, Program Controller,
DMA Controller, Memory Module Interface, Peripheral Module Interface and the On-Chip
Emulator (OnCE). The DSP56300 core is described in the document <st-blue>DSP56300 24-Bit
Digital Signal Processor Family Manual, Motorola publication DSP56300FM/AD.
•
Phased Lock Loop and Clock Generator
•
Memory modules
•
Peripheral modules. The peripheral modules are defined in the following sections.
Memory sizes in the block diagram are defaults. Memory may be differently partitioned, according to the
memory mode of the chip. See Section 2.4.7 On-Chip Memory for more details about memory size.
2.4
DSP56300 Core Functional Blocks
The DSP56300 core provides the following functional blocks:
•
Data arithmetic logic unit (Data ALU)
•
Address generation unit (AGU)
•
Program control unit (PCU)
•
DMA controller (with six channels)
•
Instruction patch controller
•
PLL-based clock oscillator
•
OnCE module
•
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com