Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M402 Datasheet(PDF) 7 Page - B&K Precision Corporation

Part # M402
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M402 Datasheet(HTML) 7 Page - B&K Precision Corporation

Back Button M402 Datasheet HTML 3Page - B&K Precision Corporation M402 Datasheet HTML 4Page - B&K Precision Corporation M402 Datasheet HTML 5Page - B&K Precision Corporation M402 Datasheet HTML 6Page - B&K Precision Corporation M402 Datasheet HTML 7Page - B&K Precision Corporation M402 Datasheet HTML 8Page - B&K Precision Corporation M402 Datasheet HTML 9Page - B&K Precision Corporation M402 Datasheet HTML 10Page - B&K Precision Corporation M402 Datasheet HTML 11Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
1
1. Outline
1.1
Product outlines
The 2650A series are authentic spectrum analyzers in a compact and lightweight form factor providing
performance and functions comparable to large-size bench type instruments.
The features are as follows.
1) Compact and lightweight 1.8 kg.
The dimensions are 162(W)×71(H)×265(D) mm, and the weight is only 1.8 kg including the battery, making the
instrument very convenient for field use.
2) Large color TFT display
5.7 inches, 640×480 color LCD
3) Four hours battery operation
The included Lithium-ion battery, when fully charged, can provide power for up to four hours of operation with the
backlight turned off. And about 3 ½ hours with the backlight set to the minimum level.
4) USB host adapter
USB host port can be used with removable storage USB flash drives. The screen image is stored as BMP format, and
the spectrum and the setting parameters are stored as CSV format. The port conforms to USB 1.1 standards and is
backwards compatible with USB 2.0 devices.
5) USB device for PC connectivity
USB interface with transfer rates up to 12 Mbps maximum (conform to USB 1.1 standards).
6) Accurate frequency measurement by PLL synthesizer
The center frequency is accurately set by PLL (Phase Locked Loop) synthesizer. Moreover, the frequency counter
(factory option) enables more accurate measurements of the frequency of a signal.
7) Average noise level -127 dBm
The low average noise level of -127 dBm @ 1 GHz provides a wide dynamic range.
8) 100 dB display dynamic range
Wide dynamic range display with a display scale of 100 dB/10div (at 10 dB/div) in the amplitude axis.
9) Easy operation with AUTO mode
● Autorange operation: RBW, VBW andsweep time are automaticallyselectedbasedonthe frequencyspan.
● Autotuningoperation: The center frequencyis adjusted tothemaximum level within full span, andthe optimum
RBW, VBW and sweep time are chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com