Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M402 Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # M402
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M402 Datasheet(HTML) 3 Page - B&K Precision Corporation

  M402 Datasheet HTML 1Page - B&K Precision Corporation M402 Datasheet HTML 2Page - B&K Precision Corporation M402 Datasheet HTML 3Page - B&K Precision Corporation M402 Datasheet HTML 4Page - B&K Precision Corporation M402 Datasheet HTML 5Page - B&K Precision Corporation M402 Datasheet HTML 6Page - B&K Precision Corporation M402 Datasheet HTML 7Page - B&K Precision Corporation M402 Datasheet HTML 8Page - B&K Precision Corporation M402 Datasheet HTML 9Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
ii
· Set clock function
The time information is set at Japan standard time. Set the year, month, day and
time when the 2650A series is used for the first time. (Refer to “24.4 Setting
the clock” for the details.)
· Quality assurance
Warranty
If the defect by our responsibility occurs within one year after delivered, it
shall be repaired free of charge. However, this warranty does not cover such
defect that :
1) is caused by a fire or natural disasters.
2) is caused by inappropriate handling such as dropping while moving the
unit delivered.
3) is caused by handling in contradiction to usage or precautions described
in the operating manual.
4) is caused by modification or misuse.
We will not be responsible for direct or indirect damage caused by use or
defect of this product.
Refer to the end of this manual for details.
Warm-up time
Warm up the product for at least ten minutes after turning on the power in
order to stabilize the internal circuit.
Precautions for storage
1) Avoid direct sunlight or dust.
2) Store this unit in a place where temperature is between -20 °C to 60 °C,
humidity less than 60 °C/70 %RH and variations in temperature and
humidity are small.
After service
Please contact us without hesitation if you have any questions about this
product:
B&K PRECISION
22820 Savi Ranch Parkway
Yorba Linda CA, 92887
TEL. (714) 921 - 9095
FAX. (714) 921 - 6422
URL: http://www.bkprecision.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com