Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M402 Datasheet(PDF) 73 Page - B&K Precision Corporation

Part # M402
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M402 Datasheet(HTML) 73 Page - B&K Precision Corporation

Back Button M402 Datasheet HTML 69Page - B&K Precision Corporation M402 Datasheet HTML 70Page - B&K Precision Corporation M402 Datasheet HTML 71Page - B&K Precision Corporation M402 Datasheet HTML 72Page - B&K Precision Corporation M402 Datasheet HTML 73Page - B&K Precision Corporation M402 Datasheet HTML 74Page - B&K Precision Corporation M402 Datasheet HTML 75Page - B&K Precision Corporation M402 Datasheet HTML 76Page - B&K Precision Corporation M402 Datasheet HTML 77Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
67
10)
Setting mode for channel power measurement
Command : CPMODE* * * * * * *
( * * * * * * * = TOTAL, BAND)
Example: CPMODETOTAL
Query: CPMODE?
11)
Setting zone center frequency for channel power measurement
Command : CPCNTR* * * * * * *
( * * * * * * *: = 0-500: screen position, center = 250)
Example: CPCNTR300
Query: CPCNTR?
12)
Setting zone width for channel power measurement
Command : CPWIDTH* * * * * * *
( * * * * * * *: = 0-500: screen position, center = 250)
Example: CPWIDTH200
Query: CPWIDTH?
13)
Setting mode for adjacent channel power measurement
Command : ACPMODE* * * * *
(* * * * * = TOTAL, BAND, PEAK)
Example: ACPMODEPEAK
Query: ACPMODE?
14)
Setting band offset for adjacent channel power measurement
Command : ACPOFS* * * * * * *
( * * * * * * *: = 0-500: screen position, center = 250)
Example: ACPOFS100
Query: ACPOFS?
15)
Setting bandwidth for adjacent channel power measurement
Command : ACPCHBW* * * * * * *
( * * * * * * *: = 0-500: screen position, center = 250)
Example: ACPCHBW30
Query: ACPCHBW?
16)
Setting reference band center frequency for adjacent channel power measurement
Command : ACPREF* * * * * * *
Command
Mode
TOTAL
TOTAL (total power method)
BAND
BAND (in-band method)
PEAK
PEAK (reference level method)
Command
Mode
TOTAL
The sum of power on the screen is
measured.
BAND
The sum of power in the band specified is
measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com