Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M402 Datasheet(PDF) 20 Page - B&K Precision Corporation

Part # M402
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M402 Datasheet(HTML) 20 Page - B&K Precision Corporation

Back Button M402 Datasheet HTML 16Page - B&K Precision Corporation M402 Datasheet HTML 17Page - B&K Precision Corporation M402 Datasheet HTML 18Page - B&K Precision Corporation M402 Datasheet HTML 19Page - B&K Precision Corporation M402 Datasheet HTML 20Page - B&K Precision Corporation M402 Datasheet HTML 21Page - B&K Precision Corporation M402 Datasheet HTML 22Page - B&K Precision Corporation M402 Datasheet HTML 23Page - B&K Precision Corporation M402 Datasheet HTML 24Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
14
* T.G. MODE is only for 2658A.
* Refer to “13. Sweep Axis / Detection Mode” for details.
SWEEPTIME
AUTO
MANUAL
ALLAUTO
SWEEP
: Set the sweep time
T.G.
ON
NORM
ON
DET
SMPL
TRG
INT
T.G.
MODE
* Refer to “12. Video Bandwidth” for details.
VBW
AUTO
MANUAL
ALLAUTO
VBW
: Set theVBW
* Refer to “11. Resolution Bandwidth” for details.
RBW
AUTO
MANUAL
ALLAUTO
RBW
: Set theRBW
* Refer to “10. Display scale” for details.
SCALE
5dB/
10dB/
2dB/
SCALE
: Set thedisplayscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com