Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 73 Page - Motorola, Inc

Part # HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 73 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 69Page - Motorola, Inc HCS08 Datasheet HTML 70Page - Motorola, Inc HCS08 Datasheet HTML 71Page - Motorola, Inc HCS08 Datasheet HTML 72Page - Motorola, Inc HCS08 Datasheet HTML 73Page - Motorola, Inc HCS08 Datasheet HTML 74Page - Motorola, Inc HCS08 Datasheet HTML 75Page - Motorola, Inc HCS08 Datasheet HTML 76Page - Motorola, Inc HCS08 Datasheet HTML 77Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
73
MC9S08GB/GT
LVD — Low Voltage Detect
If the LVD reset is enabled (LVDE = LVDRE = 1) and the supply drops below the LVD trip voltage,
an LVD reset occurs. The LVD function is disabled when the MCU enters stop. To maintain LVD
operation in stop, the LVDSE bit must be set.
1 = Reset caused by LVD trip or POR.
0 = Reset not caused by LVD trip or POR.
5.8.3 System Background Debug Force Reset Register (SBDFR)
This register contains a single write-only control bit. A serial background command such as
WRITE_BYTE must be used to write to SBDFR. Attempts to write this register from a user program are
ignored. Reads always return $00.
Figure 5-4 System Background Debug Force Reset Register (SBDFR)
BDFR — Background Debug Force Reset
A serial background command such as WRITE_BYTE may be used to allow an external debug host
to force a target system reset. Writing logic 1 to this bit forces an MCU reset. This bit cannot be written
from a user program.
5.8.4 System Options Register (SOPT)
This register may be read at any time. Bits 3 and 2 are unimplemented and always read 0. This is a
write-once register so only the first write after reset is honored. Any subsequent attempt to write to SOPT
(intentionally or unintentionally) is ignored to avoid accidental changes to these sensitive settings. SOPT
should be written during the user’s reset initialization program to set the desired controls even if the
desired settings are the same as the reset settings.
Bit 7
654321
Bit 0
Read:
00000000
Write:
BDFR(1)
NOTES:
1. BDFR is writable only through serial background debug commands, not from user programs.
Reset:
00000000
= Unimplemented or Reserved
Bit 7
654321
Bit 0
Read:
COPE
COPT
STOPE
00
BKGDPE
Write:
Reset:
11010011
= Unimplemented or Reserved
Figure 5-5 System Options Register (SOPT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com