Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 22 Page - Motorola, Inc

Part # HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 18Page - Motorola, Inc HCS08 Datasheet HTML 19Page - Motorola, Inc HCS08 Datasheet HTML 20Page - Motorola, Inc HCS08 Datasheet HTML 21Page - Motorola, Inc HCS08 Datasheet HTML 22Page - Motorola, Inc HCS08 Datasheet HTML 23Page - Motorola, Inc HCS08 Datasheet HTML 24Page - Motorola, Inc HCS08 Datasheet HTML 25Page - Motorola, Inc HCS08 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 290 page
background image
Introduction
MC9S08GB/GT
22
MOTOROLA
Some of the modules inside the MCU have clock source choices. Figure 1-3 shows a simplified clock
connection diagram. The ICG supplies the clock sources:
•
ICGOUT is an output of the ICG module. It is either:
–
The external crystal oscillator
–
An external clock source
–
The output of the digitally-controlled oscillator (DCO) in the frequency-locked loop
sub-module
Control bits inside the ICG determine which source is connected.
•
FFE is a control signal generated inside the ICG. If the frequency of ICGOUT > 4
× the frequency
of ICGERCLK, this signal is a logic 1 and the fixed-frequency clock will be the ICGERCLK.
Otherwise the fixed-frequency clock will be BUSCLK.
•
ICGLCLK — Development tools can select this internal self-clocked source (~ 8 MHz) to speed up
BDC communications in systems where the bus clock is slow.
•
ICGERCLK — External reference clock can be selected as the real-time interrupt clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com