Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 76 Page - Motorola, Inc

Part # HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 76 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 72Page - Motorola, Inc HCS08 Datasheet HTML 73Page - Motorola, Inc HCS08 Datasheet HTML 74Page - Motorola, Inc HCS08 Datasheet HTML 75Page - Motorola, Inc HCS08 Datasheet HTML 76Page - Motorola, Inc HCS08 Datasheet HTML 77Page - Motorola, Inc HCS08 Datasheet HTML 78Page - Motorola, Inc HCS08 Datasheet HTML 79Page - Motorola, Inc HCS08 Datasheet HTML 80Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 290 page
background image
Resets, Interrupts, and System Configuration
MC9S08GB/GT
76
MOTOROLA
RTIF — Real-Time Interrupt Flag
This read-only status bit indicates the periodic wakeup timer has timed out.
1 = Periodic wakeup timer timed out.
0 = Periodic wakeup timer not timed out.
RTIACK — Real-Time Interrupt Acknowledge
This write-only bit is used to acknowledge real-time interrupt request (write 1 to clear RTIF). Writing
0 has no meaning or effect. Reads always return logic 0.
RTICLKS — Real-Time Interrupt Clock Select
This read/write bit selects the clock source for the real-time interrupt.
1 = Real-time interrupt request clock source is external clock.
0 = Real-time interrupt request clock source is internal 1-kHz oscillator.
RTIE — Real-Time Interrupt Enable
This read-write bit enables real-time interrupts.
1 = Real-time interrupts enabled.
0 = Real-time interrupts disabled.
RTIS2:RTIS1:RTIS0 — Real-Time Interrupt Delay Selects
These read/write bits select the wakeup delay for the RTI. The clock source for the real-time interrupt
is a self-clocked source which oscillates at about 1 kHz, is independent of other MCU clock sources.
Using external clock source the delays will be crystal frequency divided by value in
RTIS2:RTIS1:RTIS0.
Table 5-2 Real-Time Interrupt Frequency
RTIS2:RTIS1:RTIS0
1-kHz Clock Source Delay(1)
NOTES:
1. Normal values are shown in this column based on fRTI = 1 kHz. See Table A-10 Control Timing fRTI for the
tolerance on these values.
Using External Clock Source Delay
(crystal frequency)
0:0:0
Disable periodic wakeup timer
Disable periodic wakeup timer
0:0:1
8 ms
divide by 256
0:1:0
32 ms
divide by 1024
0:1:1
64 ms
divide by 2048
1:0:0
128 ms
divide by 4096
1:0:1
256 ms
divide by 8192
1:1:0
512 ms
divide by 16384
1:1:1
1.024 s
divide by 32768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com