Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 91 Page - Motorola, Inc

Part # HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 91 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 87Page - Motorola, Inc HCS08 Datasheet HTML 88Page - Motorola, Inc HCS08 Datasheet HTML 89Page - Motorola, Inc HCS08 Datasheet HTML 90Page - Motorola, Inc HCS08 Datasheet HTML 91Page - Motorola, Inc HCS08 Datasheet HTML 92Page - Motorola, Inc HCS08 Datasheet HTML 93Page - Motorola, Inc HCS08 Datasheet HTML 94Page - Motorola, Inc HCS08 Datasheet HTML 95Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
91
MC9S08GB/GT
6.3.5 FLL Engaged, External Clock (FEE) Mode
The FLL engaged external (FEE) mode is entered when any of the following conditions occur:
•
CLKS = 11 and ERCS and DCOS are both high.
•
The DCO stabilizes (DCOS = 1) while in SCM upon exiting the off state with CLKS = 11.
In FEE mode, the reference clock is derived from the external reference clock ICGERCLK, and the FLL
loop will attempt to lock the ICGDCLK frequency to the desired value, as selected by the MFD bits. To
run in FEE mode, there must be a working 32 kHz–100 kHz or 2 MHz–10 MHz external clock source. The
maximum external clock frequency is limited to 10 MHz in FEE mode to prevent over-clocking the DCO.
The minimum multiplier for the FLL, from Table 6-8 is 4. Since 4 X 10 MHz is 40MHz, which is the
operational limit of the DCO, the reference clock cannot be any faster than 10 MHz.
6.3.5.1 FLL Engaged External Unlocked
FEE unlocked is entered when FEE is entered and the count error (
∆n) output from the subtractor is greater
than the maximum nunlock or less than the minimum nunlock, as required by the lock detector to detect the
unlock condition.
The ICG will remain in this state while the count error (
∆n) is greater than the maximum n
lock or less than
the minimum nlock, as required by the lock detector to detect the lock condition.
In this state, the pulse counter, subtractor, digital loop filter, and DCO form a closed loop and attempt to
lock it according to their operational descriptions later in this section. Upon entering this state and until
the FLL becomes locked, the output clock signal ICGOUT frequency is given by fICGDCLK / (2×R) This
extra divide by two prevents frequency overshoots during the initial locking process from exceeding
chip-level maximum frequency specifications. Once the FLL has locked, if an unexpected loss of lock
causes it to re-enter the unlocked state while the ICG remains in FEE mode, the output clock signal
ICGOUT frequency is given by fICGDCLK / R.
6.3.5.2 FLL Engaged External Locked
FEE locked is entered from FEE unlocked when the count error (
∆n) is less than n
lock (max) and greater
than nlock (min) for a given number of samples, as required by the lock detector to detect the lock
condition. The output clock signal ICGOUT frequency is given by fICGDCLK/R. In FLL engaged external
locked, the filter value is only updated once every four comparison cycles. The update made is an average
of the error measurements taken in the four previous comparisons.
6.3.6 FLL Lock and Loss-of-Lock Detection
To determine the FLL locked and loss-of-lock conditions, the pulse counter counts the pulses of the DCO
for one comparison cycle (see Table 6-3 for explanation of a comparison cycle) and passes this number
to the subtractor. The subtractor compares this value to the value in MFD and produces a count error,
∆n.
To achieve locked status,
∆n must be between n
lock (min) and nlock (max). Once the FLL has locked, ∆n
must stay between nunlock (min) and nunlock (max) to remain locked. If ∆n goes outside this range
unexpectedly, the LOLS status bit is set and remains set until acknowledged or until the MCU is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com