Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC05 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 43Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 44Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
MC68HC05C9A Compatible COP
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
41
5.5 MC68HC05C9A Compatible COP
This COP is controlled with two registers; one to reset the COP timer and the other to enable and control
COP and clock monitor functions. Figure 5-3 shows a block diagram of the MC68HC05C9A COP.
Figure 5-3. C9A COP Block Diagram
5.5.1 C9A COP Reset Register
This write-only register, shown in Figure 5-4, is used to reset the COP.
The sequence required to reset the COP timer is:
•
Write $55 to the COP reset register
•
Write $AA to the COP reset register
Both write operations must occur in the order listed, but any number of instructions may be executed
between the two write operations provided that the COP does not time out between the two writes. The
elapsed time between software resets must not be greater than the COP timeout period. If the COP
should time out, a system reset will occur and the device will be re-initialized in the same fashion as a
power-on reset or reset.
Reading this register does not return valid data.
5.5.2 C9A COP Control Register
The COP control register, shown in Figure 5-5, performs these functions:
•
Enables clock monitor function
•
Enables MC68HC05C9A compatible COP function
•
Selects timeout duration of COP timer
and flags the following conditions:
•
A COP timeout
•
Clock monitor reset
$001D
Bit 7
6543
2
1
Bit 0
Read:
Write:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset:
00000
0
0
0
= Unimplemented
Figure 5-4. COP Reset Register (COPRST)
÷2 ÷2 ÷2 ÷2 ÷2 ÷2 ÷2 ÷2
÷2 ÷2 ÷2 ÷2 ÷2 ÷2 ÷2 ÷2
÷4
÷4
÷2
÷2
÷2
÷2
÷2
÷2
213
215
217
219
221
COPRST
CM0
CM1
16 BIT TIMER SYSTEM
INTERNAL
CPU
CLOCK
COP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com