Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC05 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 60Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 62Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 63Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 64Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
Serial Communications Interface (SCI)
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
64
Freescale Semiconductor
9.11 Start Bit Detection
When the input (idle) line is detected low, it is tested for three more sample times (referred to as the start
edge verification samples in Figure 9-4). If at least two of these three verification samples detect a logic
0, a valid start bit has been detected; otherwise, the line is assumed to be idle. A noise flag is set if all
three verification samples do not detect a logic 0. Thus, a valid start bit could be assumed with a set noise
flag present.
If a framing error has occurred without detection of a break (10 0s for
8-bit format or 11 0s for 9-bit format), the circuit continues to operate as if there actually was a stop bit,
and the start edge will be placed artificially. The last bit received in the data shift register is inverted to a
logic 1, and the three logic 1 start qualifiers (shown in Figure 9-4) are forced into the sample shift register
during the interval when detection of a start bit is anticipated (see Figure 9-6); therefore, the start bit will
be accepted no sooner than it is anticipated.
If the receiver detects that a break (RDRF = 1, FE = 1, receiver data register = $003B) produced the
framing error, the start bit will not be artificially induced and the receiver must actually detect a logic 1
before the start bit can be recognized (see Figure 9-7).
Figure 9-6. SCI Artificial Start Following a Frame Error
Figure 9-7. SCI Start Bit Following a Break
DATA
EXPECTED STOP
DATA SAMPLES
ARTIFICIAL EDGE
START BIT
DATA
RDI
DATA
EXPECTED STOP
DATA SAMPLES
START EDGE
START BIT
DATA
RDI
a) Case 1: Receive line low during artificial edge
b) Case 2: Receive line high during expected start edge
EXPECTED STOP
DATA SAMPLES
DETECTED AS VALID START EDGE
START BIT
RDI
BREAK
START
QUALIFIERS
START EDGE
VERIFICATION
SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com