Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC05 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 69Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 118 page
background image
Functional Description
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
73
the SPSR. In master mode the SS pin can be selected to be a general-purpose output (when configured
as an MC68HC05C9A) by writing a 1 in bit 5 of the port D data direction register, thus disabling the mode
fault circuit.
When CPHA = 0, the shift clock is the OR of SS with SCK. In this clock phase mode, SS must go high
between successive characters in an SPI message. When CPHA = 1, SS may be left low for several SPI
characters. In cases where there is only one SPI slave MCU, its SS line could be tied to VSS as long as
CPHA = 1 clock modes are used.
10.4 Functional Description
Figure 10-2 shows a block diagram of the serial peripheral interface circuitry. When a master device
transmits data to a slave via the MOSI line, the slave device responds by sending data to the master
device via the master’s MISO line. This implies full duplex transmission with both data out and data in
synchronized with the same clock signal. Thus, the byte transmitted is replaced by the byte received and
eliminates the need for separate transmit-empty and receive-full status bits. A single status bit (SPIF) is
used to signify that the I/O operation has been completed.
Figure 10-2. Serial Peripheral Interface Block Diagram
6
7
543210
SPE
SPIE
SPI CONTROL REGISTER (SPCR)
MSTR
CPOL
CPHA
SPR1
SPR2
$000A
WCOL
SPIF
SPI STATUS REGISTER (SPSR)
0
MODF
0
0
$000B
BIT 6
BIT 7
SPI DATA REGISTER (SPDR)
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
$000C
DWOM
00
SPI SHIFT REGISTER
DIVIDER
CLOCK
LOGIC
SPDR ($000C)
7 6 5 4 3 2 1 0
MODF
WCOL
SPIF
SPR1
SPR0
CPOL
CPHA
MSTR
SPE
SPIE
PD3/
MOSI
PD2/
MISO
÷ 2
÷ 32
÷ 16
÷ 4
SELECT
SPI
CONTROL
INTERNAL DATA BUS
MSTR
S
M
S
M
INTERNAL
CLOCK
(XTAL
÷2)
SPI CLOCK (MASTER)
SPI INTERRUPT REQUEST
PD4/
SCK
PD5/
SS
(SLAVE)
SPI
SPI
(MASTER)
CLOCK
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com