Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33689D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33689D
Description  System Basis Chip with LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33689D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33689D Datasheet HTML 1Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 2Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 3Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 4Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 5Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 6Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 7Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 8Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33689
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage at VS1 and VS2
Continuous
Transient (Load Dump)
VSUPDC
VSUPTR
-0.3 to 27
40
V
Supply Voltage at VDD and VCC
VDD
-0.3 to 5.5
V
Output Current at VDD
IDD
Internally Limited
A
Logic Input Voltage at MOSI, SCLK, CS, IN, and TXD
VINLOG
-0.3 to VDD+0.3
V
Logic Output Voltage at MISO, INT, RST, and RXD
VOUTLOG
-0.3 to VDD+0.3
V
Input Voltage at E+ and E
-
VE+/VE-
-0.3 to 7.0
V
Input Current at E+ and E
-
IE+/IE-
±20
mA
Output Voltage at OUT
VOUT
-0.3 to VCC+0.33
V
Output Current at OUT
IOUT
±20
mA
Input Voltage at L1 and L2
DC Input with a 33 k
Ω Resistor
Transient Input with External Component (per ISO7637 Specification) (See
Figure 4, page 6)
VLXDC
VLXTR
-18 to 40
±100
V
Input/Output Voltage at LIN
DC Voltage
Transient Input Voltage with specified External Component (per ISO7637
Specification) (See Figure 4, page 6)
VBUSDC
VBUSTR
-18 to 40
-150 to 100
V
DC Output Voltage at HS1 and HS2
Positive
Negative
VHS+
VHS-
VVS2 + 0.3
Internally Clamped
V
DC Output Voltage at HS3
VHS3
-0.3 to VVS2 + 0.3
V
ESD Voltage, Human Body Model (1)
GND Configured as Ground. TGND and AGND Configured as I/O Pins
LIN, L1, and L2
All Other Pins
VESD1
±4000
±2000
V
ESD Voltage, Charge Device Model (1)
Corner Pins (Pins 1, 16, 17, and 32)
All other Pins (Pins 2–15 and 18–31)
VESD2
±750
±500
V
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in
accordance with the Charge Device Model, Robotic (CZAP =4.0 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com