Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33689D Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33689D
Description  System Basis Chip with LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33689D Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33689D Datasheet HTML 4Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 5Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 6Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 7Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 8Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 9Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 10Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 11Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33689
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VDD OUTPUT PIN (5.0 V OUTPUT FOR MCU USE) (CONTINUED) (9)
Temperature Threshold Difference
Normal Mode (TSD - TPRE)
TDIFF
20
30
40
°C
VSUP Range for Reset Active
0.5 V < VDD < VDD (VRSTTH)
VSUPR
4.0
—
—
V
Line Regulation
5.5 V < VSUP < 27 V, IDD = 10 mA
VLR1
—
20
150
mV
Load Regulation
1.0 mA < IDD < 50 mA
VLD1
—
10
150
mV
VDD OUTPUT PIN IN STOP MODE
Output Voltage (10)
IDD ≤ 2.0 mA
VDDS
4.75
5.0
5.25
V
Output Current Capability (11)
IDDS
4.0
8.0
14
mA
Line Regulation
5.5 V < VSUP < 27 V, IDD = 2.0 mA
VLRS
—
10
100
mV
Load Regulation
1.0 mA < IDD < 5.0 mA
VLDS
—
40
150
mV
RST
OUTPUT PIN IN NORMAL AND STOP MODES
Reset Threshold Voltage
VRSTTH
4.5
4.7
VDD-0.2
V
Low-Level Output Voltage
IO = 1.5 mA, 4.5 V < VSUP < 27 V
VOL
0.0
—
0.9
V
High-Level Output Current
0.0 V < VOUT < 0.7 VDD
IOH
—
-275
—
µA
Reset Pulldown Current
Internally Limited, VDD < 4.0 V, VRST = 4.6 V
IPDRST
1.5
—
8.0
mA
IN INPUT PIN
Low-Level Input Voltage
VIL
-0.3
—
0.3 VDD
V
High-Level Input Voltage
VIH
0.7 VDD
—
VDD +0.3
V
Input Current
0.0 V < VIN < VDD
IIN
-10
—
10
µA
Notes
9.
Specification with external capacitor 2.0
µF < C < 10 µF and 200 mΩ ≤ ESR ≤ 10 Ω. Normal mode. Low ESR electrolytic capacitor values
up to 47
µF can be used.
10.
When switching from Normal mode to Stop mode or from Stop mode to Normal mode, the voltage can vary within the output voltage
specification.
11.
When IDD is above IDDS, the 33689 enters the Reset mode.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0.0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com