Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33689D Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33689D
Description  System Basis Chip with LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33689D Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33689D Datasheet HTML 13Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 14Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 15Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 16Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 17Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 18Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 19Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 20Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33689
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 7. Timing Characteristics for Normal LIN Output Slew Rate
Figure 8. Timing Characteristics for Slow LIN Output Slew Rate
TXD
RXD
LIN
VLINREC
tDOMMIN
Recessive State
tRDOM
tRREC
tDOMMAX
tRECMAX
tRECMIN
40% VSUP
60% VSUP
58.1% VSUP
28.4% VSUP
74.4% VSUP
42.2% VSUP
Dominant State
TXD
RXD
VLINREC
tDOMMIN
Recessive State
tRDOM
tDOMMAX
tRECMAX
tRECMIN
40% VSUP
60% VSUP
61.6% VSUP
25.1% VSUP
77.8% VSUP
38.9% VSUP
tRREC
Dominant State
LIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com