Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN359B Datasheet(PDF) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN359B
Description  N-Channel 30 V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN359B Datasheet(HTML) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN359B Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
0.42
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 0.42 A
(Note 2)
0.7
1.2
V
trr
Diode Reverse Recovery Time
12
20
ns
Qrr
Diode Reverse Recovery Charge
IF = 2.7A, diF/dt = 100 A/µs
3
5
nC
notes:
1.
RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 250
°C/W when mounted on a
0.02 in2 pad of 2 oz. copper.
b) 270°C/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2.
Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
Rev:2023A2
3
N-Channel 30 V (D-S) MOSFET
FDN359B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com