Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN359B Datasheet(PDF) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN359B
Description  N-Channel 30 V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN359B Datasheet(HTML) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN359B Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Characteristics
0
2
4
6
8
10
024
68
10
Qg, GATE CHARGE (nC)
ID = 2.7A
VDS = 10V
15V
20V
0
200
400
600
800
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 270
oC/W
TA = 25
oC
10ms
1ms
100µs
0
5
10
15
20
25
30
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 270°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 270 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.
Rev:2023A2
5
N-Channel 30 V (D-S) MOSFET
FDN359B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com