Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN359B Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN359B
Description  N-Channel 30 V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN359B Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN359B Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
This N-Channel Logic Level MOSFET is produced
using process that has been especially tailored to
minimize
on-state
resistance
and
yet
maintain
superior switching performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
D
S
G
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
Maximum Drain Current – Continuous
(Note 1a)
2.7
ID
– Pulsed
15
A
Maximum Power Dissipation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Temperature Range
−55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
N-Channel 30 V (D-S) MOSFET
FDN359B
SOT–23
1. GATE
2. SOURCE
3. DRAIN
Rev:2023A2
1
Features
VDS (V) = 30V
RDS(ON)
46m
(VGS = 10V)
RDS(ON)
60m
(VGS = 4.5V)


Similar Part No. - FDN359B

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDN359B UMW-FDN359B Datasheet
423Kb / 6P
N-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN359BN FAIRCHILD-FDN359BN Datasheet
96Kb / 6P
N-Channel Logic Level PowerTrench TM MOSFET
FDN359BN FAIRCHILD-FDN359BN Datasheet
106Kb / 6P
N-Channel Logic Level PowerTrenchTM MOSFET
logo
Guangdong Youtai Semico...
FDN359BN UMW-FDN359BN Datasheet
423Kb / 6P
N-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
N-Channel Logic Level PowerTrenchTM MOSFET
More results

Similar Description - FDN359B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com