Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN359B Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN359B
Description  N-Channel 30 V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN359B Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN359B Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359B Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250 µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA,Referenced to 25°C
21
mV/
°C
VDS = 24 V,
VGS = 0 V
1
µA
IDSS
Zero Gate Voltage Drain Current
TJ = -55
OC
10
µA
IGSS
Gate–Body Leakage
VGS = ±20 V,
VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
1
1.8
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA,Referenced to 25°C
–4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 2.7 A
VGS = 4.5 V,
ID = 2.4 A
26
32
46
60
m Ω
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
15
A
gFS
Forward Transconductance
VDS = 5V,
ID = 2.7 A
11
S
Dynamic Characteristics
Ciss
Input Capacitance
485
650
pF
Coss
Output Capacitance
105
140
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
65
100
pF
RG
Gate Resistance
f = 1.0 MHz
1.8
Ω
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
7
14
ns
tr
Turn–On Rise Time
5
10
ns
td(off)
Turn–Off Delay Time
20
35
ns
tf
Turn–Off Fall Time
VDD = 15V,
ID = 1 A,
VGS = 10 V,
RGEN = 6 Ω
2
4
ns
Qg
Total Gate Charge
5
7
nC
Qgs
Gate–Source Charge
1.3
nC
Qgd
Gate–Drain Charge
VDS = 15 V,
ID = 2.7 A,
VGS = 5 V
1.8
nC
Rev:2023A2
2
N-Channel 30 V (D-S) MOSFET
FDN359B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com