Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34702 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  34702 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34702
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. Pin Connections
Table 1.
Pin Function Description
A functional description of each pin can be found in the Functional Pin Description section beginning on page 16.
Pin
Pin Name
Formal Name
Definition
1
FREQ
Oscillator Frequency
This switcher frequency selection pin can be adjusted by connecting external
resistor R
F to the FREQ pin. The default switching frequency (FREQ pin left open or
tied to V
DDI) is set to 300 kHz.
2
INV
Inverting Input
Buck Controller Error Amplifier inverting input.
3
VOUT
Output Voltage
Output voltage of the buck converter. Input pin of the switching regulator power
sequence control circuit.
4, 5
VIN2
Input Voltage 2
Buck regulator power input. Drain of the high-side power MOSFET.
6, 7
SW
Switch
Buck regulator switching node. This pin is connected to the inductor.
8, 9
24, 25
GND
Ground
Analog ground of the IC, thermal heatsinking.
10, 11
PGND
Power Ground
Buck regulator power ground.
12
VBD
Boost Drain
Drain of the internal boost regulator power MOSFET.
13
VBST
Boost Voltage
Internal boost regulator output voltage. The internal boost regulator provides a
20 mA output current to supply the drive circuits for the integrated power MOSFETs
and the external N-channel power MOSFET of the linear regulator. The voltage at
the V
BST pin is 7.75V nominal.
14
BOOT
Bootstrap
Bootstrap capacitor input.
15
SDA
Serial Data
I2C bus pin. Serial data.
16
SCL
Serial Clock
I2C bus pin. Serial clock.
17
LCMP
Linear Compensation
Linear regulator compensation pin.
18
LFB
Linear Feedback
Linear regulator feedback pin.
19
LDO
Linear Regulator
Input pin of the linear regulator power sequence control circuit.
CLKSYN
1
EN2
EN1
ADDR
GND
GND
V
DD1
V
IN1
LDRV
CS
LFB
LCMP
LDO
RT
CLKSEL
RST
FREQ
V
IN2
SW
SW
GND
GND
PGND
PGND
VBD
VBST
SDA
SCL
BOOT
V
IN2
INV
V
OUT
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com