Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34702 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34702
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
ERROR AMPLIFIER (BUCK CONVERTER)
Input Impedance (11)
ROUT
–
150
–
Ω
Output Impedance (11)
AVOL
–
80
–
dB
DC Open Loop Gain (11)
GBW
–
35
–
MHz
Gain Bandwidth Product (11)
SR
–
200
–
V/
µs
Slew Rate (11)
VEA_OH
–2.0
–
V
Output Voltage – High Level
VIN1 > 3.3 V, IOEA = -1.0 mA (11), (12)
VEA_OL
–0.4
–
V
Output Voltage – Low Level
IOEA = -1.0 mA (11), (12)
VSCRamp
–0.5
–
V
Oscillator Ramp (11)
VSCRamp
–0.5
–
V
OSCILLATOR
CLKSYN Pin (open) Low Level Output Voltage
IOL = +1.0 mA (13)
VOSC_OL
––
0.4
V
CLKSYN Pin (open) High Level Output Voltage
IOH = -1.0 mA (14)
VOSC_OH
VDDI
-0.4 V
–
–
V
CLKSYN Pin (grounded) Input Voltage Threshold
VOSC_IH
1.2
–
2.0
V
CLKSYN Pin Pullup Resistance
RPU
60
–
240
k
Ω
Frequency Adjusting Reference Voltage
VFREQ
–1.26–
V
BOOST REGULATOR
Regulator Output Voltage
IBST = 20 mA, VIN1 = V
IN2 = 2.8 V to 6.0 V
VBST
7.3
7.7
8.3
V
Power MOSFET Q5 RDS(ON)(11)
IBD = 500 mA, TA = 25°C
RDS(ON)
–
650
1000
m
Ω
Regulator Recommended Output Capacitor
CBST
–
10
–
µF
Regulator Recommended Output Capacitor Maximum ESR
ESRCBST
–
100
–
m
Ω
Notes
11.
Design information only. This parameter is not production tested.
12.
IOEA Refers to Error Amplifier Output Current.
13.
IOL Refers to IO Low Level Threshold Voltage Current
14.
IOH Refers to IO High Level Threshold Voltage Current
Table 3.
Static Electrical Characteristics (continued)
Characteristics noted under conditions -40°C ≤ TA ≤ 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using
the typical application circuit (see Figure 33) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com