Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34702 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34702 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC34702
Rev 6.0, 2/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
3.0 A Switch-Mode Power
Supply with Linear Regulator
The 34702 provides the means to efficiently supply the Freescale
Power QUICC™ I, II, and other families of Freescale
microprocessors and DSPs. The 34702 incorporates a high-
performance switching regulator, providing the direct supply for the
microprocessor’s core, and a low dropout (LDO) linear regulator
control circuit providing the microprocessor I/O and bus voltage.
The switching regulator is a high-efficiency synchronous buck
regulator with integrated N-channel power MOSFETs to provide
protection features and to allow space-efficient, compact design.
The 34702 incorporates many advanced features; e.g., precisely
maintained up/down power sequencing, ensuring the proper
operation and protection of the CPU and power system.
Features
• Operating Voltage from 2.8 V to 6.0 V
• High-Accuracy Output Voltages
• Fast Transient Response
• Switcher Output Current Up to 3.0 A
• Undervoltage Lockout and Overcurrent Protection
• Enable Inputs and Programmable Watchdog Timer
• Voltage Margining via I2C™ Bus
• Reset with Programmable Power-ON Delay
• Pb-Free Packaging Designated by Suffix Code EK
I2C is a trademark of Philips Corporation.
Figure 1. 34702 Simplified Application Diagram
POWER SUPPLY
INTEGRATED CIRCUIT
34702
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34702EK/R2
-40 to 85°C
32 SOICW
EK (PB-FREE) SUFFIX
98AARH99137A
32-PIN SOICW
Other
Circuits
RT
VBD
VDDH (I/Os)
VDDL (Core)
MPC8xxx
34702
2.8 V to 6.0 V Input
VIN2
CLKSEL
FREQ
PORESET
GND
SDA
SCL
Adjustable:
0.8 V to VIN -
Dropout
ADDR
VIN1
LDRV
LDO
LFB
CS
RST
SW
PGND
INV
VBST
BOOT
VOUT
CLKSYN
Optional
EN1
EN2
VBST
Adjustable:
0.8 V to VIN -
Dropout
VDDI


Similar Part No. - 34702

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
347025C ALPHAWIRE-347025C Datasheet
93Kb / 4P
Customer Specification
1/11/2023
More results

Similar Description - 34702

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
1.5 A Switch-Mode Power Supply with Linear Regulator
logo
ON Semiconductor
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
logo
Freescale Semiconductor...
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
10A Switch-Mode Power Supply with LDO Regulator
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
1.5 A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
1.5A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
3.0A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com