Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34702 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34702
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3.
Static Electrical Characteristics
Characteristics noted under conditions -40°C ≤ TA ≤ 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using
the typical application circuit (see Figure 33) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
GENERAL
Operating Voltage Range (VIN1, VIN2)
VIN
2.8
–
6.0
V
Start-Up Voltage Threshold (Boost Switching)
VST
–1.6
1.8
V
VBST Undervoltage Lockout (VBST rising)
VBST_UVLO
5.5
–
6.5
V
VBST Undervoltage Lockout Hysterisis
VBST_UVLO_HYS
0.5
–
1.5
V
Input DC Supply Current (Normal Operation Mode, Enabled), Unloaded
Outputs
IIN
–60
–
mA
VIN1 Pin Input Supply Current (EN1 = EN2 = 0)
IIN1
–10
–
mA
VIN2 Pin Input Leakage Current (EN1 = EN2 = 0)
IIN2
–
100
–
µA
VDDI Internal Supply Voltage
VDDI
2.9
–
3.3
V
VDDI Maximum Output Current (Externally Loaded)
IDDI
––
-10
mA
BUCK CONVERTER
Buck Converter Feedback Voltage (7), (8)
IVOUT = 15 mA to 3.0 A. Includes Load Regulation Error
VINV
0.784
0.800
0.816
V
Buck Converter Voltage Margining Step Size
VMVO
–1.0
–
%
Buck Converter Voltage Margining Highest Positive Value
VMP
5.9
7.0
7.9
%
Buck Converter Voltage Margining Lowest Negative Value
VMN
-7.9
7.0
-5.9
%
Buck Converter Line Regulation (7), (8)
VIN1 = VIN2 = 2.8 V to 6.0 V, IVOUT = 15 mA to 3.0 A
REGLNVO
-1.0
–
1.0
%
Buck Converter Load Regulation (7), (8)
VIN1 = VIN2 = 2.8 V to 6.0 V, IVOUT = 15 mA to 3.0 A
REGLDVO
-1.0
–
1.0
%
VOUT Input Leakage Current
VOUT = 5.25 V
IVOUTLK
–3.5
–
mA
INV Input Leakage Current
INV = 0.8 V
INVLEAK
-1.0
1.0
µA
Notes
7.
Design information only. This parameter is not production tested.
8.
VOUT refers to load current on output switcher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com