Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASC7621 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
- 15 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
R/W
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
De-
fault
Value
(hex)
60h
R/W
Zone 2 Range/
Fan 2
Frequency
RAN3
RAN2
RAN1
RAN0
HLFRQ
FRQ2
FRQ1
FRQ0
C3
X
61h
R/W
Zone 3 Range/
Fan 3
Frequency
RAN3
RAN2
RAN1
RAN0
HLFRQ
FRQ2
FRQ1
FRQ0
C3
X
62h
R/W
Min/Off, Zone 1
Spike
Smoothing
OFF3
OFF2
OFF1
RES
ZN1E
ZN1-2
ZN1-1
ZN1-0
00
X
63h
R/W
Zone 2 / Zone 3
Spike
Smoothing
ZN2E
ZN2-2
ZN2-1
ZN2-0
ZN3E
ZN3-2
ZN3-1
ZN3-0
00
X
64h
R/W
Fan 1 PWM
Minimum
7
6
5
4
3
2
1
0
80
X
65h
R/W
Fan 2 PWM
Minimum
7
6
5
4
3
2
1
0
80
X
66h
R/W
Fan 3 PWM
Minimum
7
6
5
4
3
2
1
0
80
X
67h
R/W
Zone 1 Fan
Temp Limit
7
6
5
4
3
2
1
0
5A
X
68h
R/W
Zone 2 Fan
Temp Limit
7
6
5
4
3
2
1
0
5A
X
69h
R/W
Zone 3 Fan
Temp Limit
7
6
5
4
3
2
1
0
5A
X
6Ah
R/W
Zone 1 Temp
Absolute Limit
7
6
5
4
3
2
1
0
64
X
6Bh
R/W
Zone 2 Temp
Absolute Limit
7
6
5
4
3
2
1
0
64
X
6Ch
R/W
Zone 3 Temp
Absolute Limit
7
6
5
4
3
2
1
0
64
X
6Dh
R/W
Zone 1, Zone 2
Hysteresis
H1-3
H1-2
H1-1
H1-0
H2-3
H2-2
H2-1
H2-0
44
X
6Eh
R/W
Zone 3, Zone 4
Hysteresis
H3-3
H3-2
H3-1
H3-0
H4-3
H4-2
H4-1
H4-0
44
X
6Fh
R/W
XOR Tree
Enable
RES
RES
RES
RES
RES
RES
RES
XEN
00
X
75h
R/W
Fan Spin-up
Mode
Tach4
Disable
Tach3/4
Disable
Tach2
Disable
Tach1
Disable
RES
PWM3SU
PWM2SU
PWM1SU
00
X
Notes:
1.
Reserved bits will always return 0 when read, X-bits in readings may be ignored.
2.
When register 40h is locked, all bits are locked except 0 and 3 which remain user changeable.
3.
Two-byte or extended resolution temperature, voltage and tachometer values are protected from changing when only one of
the bytes is read. The implementation of a data word latch involves the register pairs in the table below. When one of the
address pairs is read, the mating data is latched at the same time. The next SMBus access MUST be the mating address
or the latch will be released. This implementation allows that the data may be read in the order of LS-MS or MS-LS and the
pair will remain coherent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com