Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASC7621 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ASC7621 Datasheet HTML 42Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 43Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 44Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 45Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 46Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 47Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 48Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 49Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 50Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
- 49 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
aSC7621
Physical Dimensions inches unless otherwise noted
24-Lead Molded QSOP Package
Notes:
1.
Pb-Free
2.
Co-planarity is 0 to 0.004” MAX
3.
Package surface finish – Matte (VDI #24~27)
4.
All dimensions exclude mold flash
5.
The lead width, B, to be determined at 0.0075”
from the lead tip
Symbol
MIN
MAX
A
0.054
0.068
A1
0.004
0.0098
B
0.008
0.012
D
0.337
0.344
E1
0.150
0.157
E
0.229
0.244
E
0.025 BSC
C
0.0075
0.0098
L
0.016
0.034
X
0.0325 REF
Θ1
Θ2
7° BSC
X
e
Pin 1
b
A1
A
0.015 ±0.004 x 45°
Θ1
Θ2
L
DETAIL “A”
GAUGE PLANE
SEATING PLANE
0.010
C
DETAIL “A”
D
E
E1
X
e
Pin 1
b
A1
A
0.015 ±0.004 x 45°
Θ1
Θ2
L
DETAIL “A”
GAUGE PLANE
SEATING PLANE
0.010
C
DETAIL “A”
D
E
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com