Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASC7621 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASC7621
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7621 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASC7621 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Preliminary Specification
- 1 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A06010
HARDWARE MONITOR
WITH INTEGRATED FAN CONTROL
aSC7621
PRODUCT SPECIFICATION
Product Description
The aSC7621 has a two wire digital interface compatible
with SMBus 2.0. Using a 10-bit ΣΔ- ADC, the aSC7621
measures the temperature of two remote diode connected
transistors as well as its own die. Support for Platform
Environmental Control Interface (PECI) is included.
Using temperature information from these four zones, an
automatic fan speed control algorithm is employed to
minimize acoustic impact while achieving recommended
CPU temperature under varying operational loads.
To set fan speed, the aSC7621 has three independent
pulse width modulation (PWM) outputs that are controlled
by one, or a combination of three, temperature zones.
Both high- and low-frequency PWM ranges are supported.
The aSC7621 also includes a digital filter that can be
invoked to smooth temperature readings for better control
of fan speed and minimum acoustic impact. The aSC7621
has tachometer inputs to measure fan speed on up to four
fans. Limit and status registers for all measured values are
included to alert the system host that any measurements
are outside of programmed limits via status registers.
System voltages of VCCP, 2.5V, 3.3V, 5.0V, and 12V
motherboard power are monitored efficiently with internal
scaling resistors.
Features
Supports PECI interface and monitors internal and
remote thermal diodes
2-wire, SMBus 2.0 compliant, serial interface
10-bit ΣΔ-ADC
Monitors VCCP, 2.5V, 3.3V, 5.0V, and 12V
motherboard/processor supplies
Programmable autonomous fan control based on
temperature readings
Noise filtering of temperature reading for fan
speed control
0.25
°C digital temperature sensor resolution
3 PWM fan speed control outputs for 2-, 3- or 4-
wire fans and up to 4 fan tachometer inputs
Enhanced measured temperature to Temperature
Zone assignment.
Provides high and low PWM frequency ranges
3 GPIO pins for custom use
24-Lead QSOP package
Measurement System
Temperature:
0.25°C resolution, ±2°C accuracy on remote diode
0.25°C resolution, ±3°C accuracy on local sensor
Temperature measurement range on remote
sensor –55°C to +125°C using 2’s complement
coding.
Voltage:
10-bit Resolution, ±2% (TUE)
Fan Tachometer:
16-bit count of 90kHz clock periods
Limit alarms for all measured values
Applications
Desktop Computers – Motherboards and Graphics
Cards
Microprocessor based equipment (e.g. Base-
stations, Routers, ATMs, Point of Sales)
Connection Diagram
Ordering Information
Part Number
Package
Temperature Range
and Operating Voltage
Marking
How Supplied
aSC7621QS24
24-lead QSOP
0°C to +120°C, 3.3V
aSC7621
Ayww
2500 units Tape & Reel
Ayww – Assembly site, year, workweek
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SMBDAT
SMBCLK
GND
3.3V
GPIO2
GPIO1
PECI
Vtt
TACH3
PWM2
TACH1
TACH2
PWM1/
XTESTOUT
VCCP
2.5V
12V
5V
GPIO3
REMOTE 1+
REMOTE 1-
REMOTE 2+
REMOTE 2-
TACH4/
AddressSelect
PWM3/
AddressEnable
aSC7621


Similar Part No. - ASC7621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
ASC7611QS24 ETC2-ASC7611QS24 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
More results

Similar Description - ASC7621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
Hardware Monitor with Integrated Fan Control
LM93 NSC-LM93 Datasheet
654Kb / 92P
Hardware Monitor with Integrated Fan Control for Server Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
Hardware Monitor with Integrated Fan Control
LM94 NSC-LM94 Datasheet
697Kb / 24P
TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Feature Integration Tec...
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
Hardware KBC with ACPI, Temp. and Fan Control
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
Hardware Monitor with Integrated Fan Control for Server Management
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
Hardware Monitor with PI Loop Fan Control for Server Management
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
Hardware Monitor with Integrated Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com