Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7648 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7648
Description  PackageLow Reference High efficiency Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7648 Datasheet HTML 4Page - Sipex Corporation SP7648 Datasheet HTML 5Page - Sipex Corporation SP7648 Datasheet HTML 6Page - Sipex Corporation SP7648 Datasheet HTML 7Page - Sipex Corporation SP7648 Datasheet HTML 8Page - Sipex Corporation SP7648 Datasheet HTML 9Page - Sipex Corporation SP7648 Datasheet HTML 10Page - Sipex Corporation SP7648 Datasheet HTML 11Page - Sipex Corporation SP7648 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
current to avoid saturating the inductor,
which would result in a loss in efficiency and
could damage the inductor. The SP7648
evaluation board uses a RLIM value of 1K
for an IPEAK = 1.6A to allow the circuit to
deliver up to 700mA for VIN = 3.3V and VOUT
=4.2V.Othervaluescouldbeselectedusing
the above relationships.
Using the FLASH Control Pin
The SP7648 will regulate the output by the
equations above depending on the state of
the FLASH pin. When the FLASH pin is
low (<0.4V), the internal reference voltage
is defined as 0.8V. When the FLASH pin is
high (>0.4V), the internal reference voltage
is defined as 0.288V. This allows the use of
smaller values for the sense resistor for
current regulation mode. This improves ef-
ficiency and reduces the physical size of the
sense resistor. An external MOSFET switch
can be used to change the sense resistor
when changing to the Flash Mode.
High Brightness White LED
For the high brightness LumiLED white LED
application, the SP7648 is generally pro-
grammed as a current source. The bias
resistors R1 and R2 are used to set the
operating current of the white LED with the
equation:
R = VFB/IF
where VFB is 0.8V in torch mode and 0.288V
in flash mode, IF is the operating current of
THeORY OF OPeRaTiOn
the LED. To set the operating current to be
about 200mA in torch mode, the flash pin is
forced low, R2 is selected as 0.8V/ 0.2 = 4 ,
asshowninthetypicalapplicationcircuit.To
set the operating current to 700mA in flash
mode, the flash pin is forced high, R is
selected as 0.288V/0.41 = 700mA. In real-
ity R in Flash includes the series MOSFET
RDSON and the parallel combination of R2 =
4 shown by the formula:
R in Flash =
{R X (R2 + QRDSON)}
{R + R2 + QRDSON}
If the SP7648 is powered up before the LED
is plugged in, the circuit will bring the feed-
back pin to ZeroV and the SP7648 has a
feature to set the output voltage to be 5V.
Once the LED is plugged in, the feedback
pinwillgoupto0.8Vintorchmodeor0.288V
in flash mode and begin to regulate. The
output voltage will go from 5V to VF+VFB,
where VF is the forward voltage of the LED.
When the LED is open, the feedback pin
voltage will go to ZeroV and the output
voltage will go to 5V which will protect the
part from overvoltage at the output.
One approach to control LED brightness is
to apply a PWM signal to the SHDN input of
the SP7648. In this case, the output current
will be equal to the product of VREF/R1 and
the average duty cycle at the SHDN pin. An
optional 10K potentiometer may also be
usedfordimmingtheLEDcurrentbyvarying
the potentiometer between low brightness
and full brightness.
If the FB pin is pulled below 150mV the
output will default to 5V defined by an inter-
nal resistor divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com