Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7648 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP7648
Description  PackageLow Reference High efficiency Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP7648 Datasheet HTML 5Page - Sipex Corporation SP7648 Datasheet HTML 6Page - Sipex Corporation SP7648 Datasheet HTML 7Page - Sipex Corporation SP7648 Datasheet HTML 8Page - Sipex Corporation SP7648 Datasheet HTML 9Page - Sipex Corporation SP7648 Datasheet HTML 10Page - Sipex Corporation SP7648 Datasheet HTML 11Page - Sipex Corporation SP7648 Datasheet HTML 12Page - Sipex Corporation SP7648 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
TYPicaL PeRFORMance cHaRacTeRiSTicS
SP7648 for Luxeon I
0
100
200
300
400
500
600
700
800
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=3.6V
Torch Mode,
Vf=3.2V
SP7648 for Luxeon I
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=3.6V
Torch Mode,
Vf=3.2V
SP7648 for AOT(2015HPW1915B)
0
100
200
300
400
500
600
700
800
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=3.9V
Torch Mode,
Vf=3.3V
SP7648 for AOT(2015HPW1915B)
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=3.9V
Torch
Mode,Vf=3.3V
SP7648 for AOT(6060HPW0305BD)
0
100
200
300
400
500
600
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=4.2V
Torch Mode,
Vf=3.5V
SP7648 for AOT(6060HPW0305BD)
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode,
Vf=4.2V
Torch Mode,
Vf=3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com