Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7648 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7648
Description  PackageLow Reference High efficiency Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7648 Datasheet HTML 1Page - Sipex Corporation SP7648 Datasheet HTML 2Page - Sipex Corporation SP7648 Datasheet HTML 3Page - Sipex Corporation SP7648 Datasheet HTML 4Page - Sipex Corporation SP7648 Datasheet HTML 5Page - Sipex Corporation SP7648 Datasheet HTML 6Page - Sipex Corporation SP7648 Datasheet HTML 7Page - Sipex Corporation SP7648 Datasheet HTML 8Page - Sipex Corporation SP7648 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
Pin DeScRiPTiOn
Pin nUMBeR
Pin naMe
DeScRiPTiOn
1
VBATT
Battery Voltage. The startup circuitry is powered by this pin. Battery
Voltage is used to calculate switch off time: TOFF= K OFF/ (VOUT-
VBATT). When the battery voltage drops below 0.61V the SP7648
goes into an undervoltage lockout mode (UVLO), where the part is shut
down.
2
FLASH
Reference Control Input. Internal Reference defaults to 0.8V if FLASH
= LOW and 0.288V if FLASH = HIGH.
3
NC (Test)
No connection. This pin is bonded out for test purposes only and
must be left floating in all applications.
4
RLIM
Current Limit Resistor. By connecting a resistor RLIM from this pin to
ground the inductor peak current is set by IPEAK=1600/RLIM. The range
for RLIM is 9k (for 180mA) to 1.K (for 1.6A).
5
SHDN
Shutdown Not. Tie this pin high to V BATT,for normal operation. Pull
this pin to ground to disable all circuitry inside the chip.
6
FB
Feedback. Connect this pin to GND for fixed +5V operation. Connect
this pin to a resistor voltage divider between VOUTand GND for
adjustable output operation.
7
GND
Ground. Connect to ground plane.
8
PGND
Power Ground. The inductor charging current flows out of this pin.
9
LX
Inductor Switching Node. Connect one terminal of the inductor to the
positive terminal of the battery. Connect the second terminal of the
inductor to this pin. The inductor charging current flows into LX,
through the internal charging N-channel FET, and out the PGND pin.
10
VOUT
Output Voltage. The inductor current flows out of this pin during
switch off-time. It is also used as the internal regulator voltage supply.
Connect this pin to the positive terminal of the output capacitor.
Note that the Thermal Pad (Pin 11) should be connected to Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com